Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3535TME Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3535TME
Description  Multi-Display LED Driver with Ambient Light Sensing and Dynamic Backlight Control Compatibility
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3535TME Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM3535TME Datasheet HTML 1Page - National Semiconductor (TI) LM3535TME Datasheet HTML 2Page - National Semiconductor (TI) LM3535TME Datasheet HTML 3Page - National Semiconductor (TI) LM3535TME Datasheet HTML 4Page - National Semiconductor (TI) LM3535TME Datasheet HTML 5Page - National Semiconductor (TI) LM3535TME Datasheet HTML 6Page - National Semiconductor (TI) LM3535TME Datasheet HTML 7Page - National Semiconductor (TI) LM3535TME Datasheet HTML 8Page - National Semiconductor (TI) LM3535TME Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Note 3: Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at T
J = 150°C (typ.) and disengages at TJ
= 125°C (typ.).
Note 4: For detailed soldering specifications and information, please refer to National Semiconductor Application Note 1112: Micro SMD Wafer Level Chip Scale
Package (AN-1112).
Note 5: The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin. (MIL-STD-883 3015.7)
Note 6: In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may have to be
derated. Maximum ambient temperature (T
A-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP = 110°C), the maximum power
dissipation of the device in the application (P
D-MAX), and the junction-to ambient thermal resistance of the part/package in the application (θJA), as given by the
following equation: T
A-MAX = TJ-MAX-OP – (θJA × PD-MAX).
Note 7: Junction-to-ambient thermal resistance is highly dependent on application and board layout. In applications where high maximum power dissipation
exists, special care must be paid to thermal dissipation issues in board design. For more information, please refer to National Semiconductor Application Note
1112: Micro SMD Wafer Level Chip Scale Package (AN-1112).
Note 8: Min and Max limits are guaranteed by design, test, or statistical analysis. Typical numbers are not guaranteed, but do represent the most likely norm.
Note 9: C
IN, CVOUT, C1, and C2 : Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics
Note 10: For the two groups of current sinks on a part (GroupA and GroupB), the following are determined: the maximum sink current in the group (MAX), the
minimum sink current in the group (MIN), and the average sink current of the group (AVG). For each group, two matching numbers are calculated: (MAX-AVG)/
AVG and (AVG-MIN)/AVG. The largest number of the two (worst case) is considered the matching figure for the Group. The matching figure for a given part is
considered to be the highest matching figure of the two Groups. The typical specification provided is the most likely norm of the matching figure for all parts.
Note 11: For each Dxx pin, headroom voltage is the voltage across the internal current sink connected to that pin. For Group A, B, and C current sinks, V
HRx =
V
OUT -VLED. If headroom voltage requirement is not met, LED current regulation will be compromised.
Note 12: SCL and SDIO should be glitch-free in order for proper brightness control to be realized.
Note 13: SCL is tested with a 50% duty-cycle clock.
Block Diagram
30082467
5
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com