Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3535TME-2ALS Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3535TME-2ALS
Description  Multi-Display LED Driver with Ambient Light Sensing and Dynamic Backlight Control Compatibility
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3535TME-2ALS Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM3535TME-2ALS Datasheet HTML 17Page - National Semiconductor (TI) LM3535TME-2ALS Datasheet HTML 18Page - National Semiconductor (TI) LM3535TME-2ALS Datasheet HTML 19Page - National Semiconductor (TI) LM3535TME-2ALS Datasheet HTML 20Page - National Semiconductor (TI) LM3535TME-2ALS Datasheet HTML 21Page - National Semiconductor (TI) LM3535TME-2ALS Datasheet HTML 22Page - National Semiconductor (TI) LM3535TME-2ALS Datasheet HTML 23Page - National Semiconductor (TI) LM3535TME-2ALS Datasheet HTML 24Page - National Semiconductor (TI) LM3535TME-2ALS Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
PWM bit set to ‘1’ (Configuration Register bit [0]). Figure 20
shows how the different blocks (PWM and ALS) influence the
LED current.
30082446
FIGURE 20. Current Control Block Diagram
ALS + PWM Example
In this example, the APDS-9005 sensor detects that the am-
bient light has changed to 1 kLux. The voltage at the ALS input
is now around 875mV and the ambient light falls within Zone
5. This causes the LED brightness to be a function of Zone
Target Register 5 (loaded with 0x7F). Now assume the PWM
input is also driven with a 50% duty cycle pulsed waveform.
The LED current now becomes:
LED CONFIGURATIONS
The LM3535 has a total of 8 current sinks capable of sinking
200mA of total diode current. These 8 current sinks are con-
figured to operate in three independently controlled lighting
regions. GroupA has four dedicated current sinks, while
GroupB and GroupC each have one. To add greater lighting
flexibility, the LM3535 has two additional drivers (D53 and
D62) that can be assigned to either GroupA or GroupB
through a setting in the general purpose register.
At start-up, the default condition is four LEDs in GroupA, three
LEDs in GroupB and a single LED in GroupC (NOTE: GroupC
only consists of a single current sink (D1C) under any con-
figuration). Bits 53A and 62A in the general purpose register
control where current sinks D53 and D62 are assigned. By
writing a '1' to the 53A or 62A bits, D53 and D62 become as-
signed to the GroupA lighting region. Writing a '0' to these bits
assigns D53 and D62 to the GroupB lighting region. With this
added flexibility, the LM3535 is capable of supporting appli-
cations requiring 4, 5, or 6 LEDs for main display lighting,
while still providing additional current sinks that can be used
for a wide variety of lighting functions.
MAXIMUM OUTPUT CURRENT, MAXIMUM LED
VOLTAGE, MINIMUM INPUT VOLTAGE
The LM3535 can drive 8 LEDs at 25mA each (GroupA ,
GroupB, GroupC) from an input voltage as low as 3.2V, so
long as the LEDs have a forward voltage of 3.6V or less (room
temperature).
The statement above is a simple example of the LED drive
capability of the LM3535. The statement contains the key ap-
plication parameters that are required to validate an LED-
drive design using the LM3535: LED current (I
LEDx), number
of active LEDs (N
x), LED forward voltage (VLED), and mini-
mum input voltage (V
IN-MIN).
The equation below can be used to estimate the maximum
output current capability of the LM3535:
I
LED_MAX = [(1.5 x VIN) - VLED - (IADDITIONAL × ROUT)] /
[(N
x x ROUT) + kHRx] (eq. 1)
I
LED_MAX = [(1.5 x VIN ) - VLED - (IADDITIONAL × 2.4Ω)] /
[(N
x x 2.4Ω) + kHRx]
I
ADDITIONAL is the additional current that could be delivered to
the other LED Groups.
21
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com