Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3535TME-2ALS Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3535TME-2ALS
Description  Multi-Display LED Driver with Ambient Light Sensing and Dynamic Backlight Control Compatibility
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3535TME-2ALS Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3535TME-2ALS Datasheet HTML 1Page - National Semiconductor (TI) LM3535TME-2ALS Datasheet HTML 2Page - National Semiconductor (TI) LM3535TME-2ALS Datasheet HTML 3Page - National Semiconductor (TI) LM3535TME-2ALS Datasheet HTML 4Page - National Semiconductor (TI) LM3535TME-2ALS Datasheet HTML 5Page - National Semiconductor (TI) LM3535TME-2ALS Datasheet HTML 6Page - National Semiconductor (TI) LM3535TME-2ALS Datasheet HTML 7Page - National Semiconductor (TI) LM3535TME-2ALS Datasheet HTML 8Page - National Semiconductor (TI) LM3535TME-2ALS Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LM3535
August 12, 2010
Multi-Display LED Driver with Ambient Light Sensing and
Dynamic Backlight Control Compatibility
General Description
The LM3535 is a highly integrated LED driver capable of driv-
ing 8 LEDs in parallel for large display applications. Indepen-
dent LED control allows for a subset of the 6 main display
LEDs to be selected for partial illumination applications. In
addition to the main bank of 6, the LM3535 is capable of driv-
ing an additional 2 independently controlled LEDs to support
Indicator applications.
The LED driver current sinks are split into three independently
controlled groups. The primary group can be configured to
drive up to six LEDs for use in the main phone display. Groups
B and C are provided for driving secondary displays, keypads
and indicator LEDs. All of the LED current sources can be
independently turned on and off providing flexibility to address
different application requirements.
The LM3535 provides multi-zone Ambient Light Sensing (1 or
2 ALS inputs depending on option) allowing autonomous
backlight intensity control in the event of changing ambient
light conditions. A PWM input is also provided to give the user
a means to adjust the backlight intensity dynamically based
upon the content of the display.
The LM3535 provides excellent efficiency without the use of
an inductor by operating the charge pump in a gain of 3/2 or
in Pass-Mode. The proper gain for maintaining current regu-
lation is chosen, based on LED forward voltage, so that
efficiency is maximized over the input voltage range.
The LM3535 is available in National’s tiny 20-bump, 0.4mm
pitch, thin micro SMD package.
Features
■ Drives up to 8 LEDs with up to 25mA of Diode Current
Each
■ External PWM input for Dynamic Backlight Control
■ Multi-Zone Ambient Light Sensing (ALS)
■ Dual-ALS Sensor Inputs (LM3535-2ALS only)
■ ALS Interrupt Reporting
■ Independent On/Off Control for all Current Sinks
■ 128 Exponential Dimming Steps with 600:1 Dimming Ratio
for Group A (Up to 6 LEDs)
■ 8 Linear Dimming States for Groups B (Up to 3 LEDs) and
D1C (1 LED)
■ Programmable Auto-Dimming Function
■ Up to 90% Efficiency
■ 0.55% Accurate Current Matching
■ Internal Soft-Start Limits Inrush Current
■ True Shutdown Isolation for LEDs
■ Wide Input Voltage Range (2.7V to 5.5V)
■ Active High Hardware Enable
■ Total Solution Size < 16mm2
■ Low Profile 20 Bump micro SMD Package
(1.650mm × 2.055mm × 0.6mm)
Applications
■ Smart-Phone LED Backlighting
■ Large Format LCD Backlighting
■ General LED Lighting
Typical Application Circuit
30082468
30082441
Minimum Layout
© 2010 National Semiconductor Corporation
300824
www.national.com


Similar Part No. - LM3535TME-2ALS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3535TME/NOPB TI1-LM3535TME/NOPB Datasheet
1Mb / 34P
Multi-Display LED Driver
LM3535TME/NOPB TI2-LM3535TME/NOPB Datasheet
759Kb / 36P
LM3535 Multi-Display LED Driver With Ambient Light Sensing and Dynamic Backlight Control Compatibility
REVISED MARCH 2018
LM3535TME/NOPB.A TI2-LM3535TME/NOPB.A Datasheet
759Kb / 36P
LM3535 Multi-Display LED Driver With Ambient Light Sensing and Dynamic Backlight Control Compatibility
REVISED MARCH 2018
LM3535TME/NOPB.B TI2-LM3535TME/NOPB.B Datasheet
759Kb / 36P
LM3535 Multi-Display LED Driver With Ambient Light Sensing and Dynamic Backlight Control Compatibility
REVISED MARCH 2018
More results

Similar Description - LM3535TME-2ALS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5501 AD-ADP5501 Datasheet
1Mb / 28P
Programmable Current Backlight Driver with Ambient Light Sensor Input
REV. 0
logo
ON Semiconductor
NCP5021 ONSEMI-NCP5021 Datasheet
357Kb / 17P
High Voltage White LED Driver with Ambient Light Sensing
May, 2009 ??Rev. 0
logo
National Semiconductor ...
LM3464 NSC-LM3464_10 Datasheet
523Kb / 22P
LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
LM3530 NSC-LM3530 Datasheet
331Kb / 4P
High Efficiency White LED Driver with Programmable Ambient Light Sensing Capability and I2C Compatible Interface
logo
Everlight Electronics C...
APS-16D25-11-DF8-TR8 EVERLIGHT-APS-16D25-11-DF8-TR8 Datasheet
679Kb / 14P
Ambient light sensing
logo
Texas Instruments
LM3532 TI1-LM3532 Datasheet
1Mb / 45P
High Efficiency White LED Driver with Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
LM3464 TI1-LM3464_14 Datasheet
1Mb / 30P
LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
logo
STMicroelectronics
VL6180X STMICROELECTRONICS-VL6180X Datasheet
1Mb / 79P
Proximity and ambient light sensing (ALS) module
August 2014 Rev 6
logo
Texas Instruments
LM3464 TI1-LM3464 Datasheet
1Mb / 33P
LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
logo
OSRAM GmbH
SFH2200FAA01 OSRAM-SFH2200FAA01 Datasheet
993Kb / 17P
Remote Control, Proximity, Ambient Light Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com