Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3535TME-2ALS Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3535TME-2ALS
Description  Multi-Display LED Driver with Ambient Light Sensing and Dynamic Backlight Control Compatibility
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3535TME-2ALS Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM3535TME-2ALS Datasheet HTML 8Page - National Semiconductor (TI) LM3535TME-2ALS Datasheet HTML 9Page - National Semiconductor (TI) LM3535TME-2ALS Datasheet HTML 10Page - National Semiconductor (TI) LM3535TME-2ALS Datasheet HTML 11Page - National Semiconductor (TI) LM3535TME-2ALS Datasheet HTML 12Page - National Semiconductor (TI) LM3535TME-2ALS Datasheet HTML 13Page - National Semiconductor (TI) LM3535TME-2ALS Datasheet HTML 14Page - National Semiconductor (TI) LM3535TME-2ALS Datasheet HTML 15Page - National Semiconductor (TI) LM3535TME-2ALS Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
smaller pull-up results in higher switching currents with faster
edges.
START AND STOP CONDITIONS
START and STOP conditions classify the beginning and the
end of the I2C session. A START condition is defined as SDIO
signal transitioning from HIGH to LOW while SCL line is
HIGH. A STOP condition is defined as the SDIO transitioning
from LOW to HIGH while SCL is HIGH. The I2C master always
generates START and STOP conditions. The I2C bus is con-
sidered to be busy after a START condition and free after a
STOP condition. During data transmission, the I2C master
can generate repeated START conditions. First START and
repeated START conditions are equivalent, function-wise.
30082411
FIGURE 2. Start and Stop Conditions
TRANSFERRING DATA
Every byte put on the SDIO line must be eight bits long, with
the most significant bit (MSB) transferred first. Each byte of
data has to be followed by an acknowledge bit. The acknowl-
edge related clock pulse is generated by the master. The
master releases the SDIO line (HIGH) during the acknowl-
edge clock pulse. The LM3535 pulls down the SDIO line
during the 9th clock pulse, signifying an acknowledge. The
LM3535 generates an acknowledge after each byte is re-
ceived. There is no acknowledge created after data is read
from the LM3535.
After the START condition, the I2C master sends a chip ad-
dress. This address is seven bits long followed by an eighth
bit which is a data direction bit (R/W). The LM3535 7-bit ad-
dress is 38h. For the eighth bit, a “0” indicates a WRITE and
a “1” indicates a READ. The second byte selects the register
to which the data will be written. The third byte contains data
to write to the selected register.
30082412
FIGURE 3. Write Cycle
w = write (SDIO = "0")
r = read (SDIO = "1")
ack = acknowledge (SDIO pulled down by either master or slave)
id = chip address, 38h for LM3535
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com