Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5508C Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5508C
Description  8-Channel Digital Audio PWM Processor
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5508C Datasheet(HTML) 49 Page - Texas Instruments

Back Button TAS5508C Datasheet HTML 45Page - Texas Instruments TAS5508C Datasheet HTML 46Page - Texas Instruments TAS5508C Datasheet HTML 47Page - Texas Instruments TAS5508C Datasheet HTML 48Page - Texas Instruments TAS5508C Datasheet HTML 49Page - Texas Instruments TAS5508C Datasheet HTML 50Page - Texas Instruments TAS5508C Datasheet HTML 51Page - Texas Instruments TAS5508C Datasheet HTML 52Page - Texas Instruments TAS5508C Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 107 page
background image
TAS5508C
www.ti.com
SLES257 – SEPTEMBER 2010
Table 3-7. Audio System Configuration (General Control Register 0xE0)
Audio System
D31–D4
D3
D2
D1
D0
6 channels or 5.1 not using PSVC
0
0
0
1
X
6 channels using PSVC
0
0
1
1
X
5.1 system using PSVC
0
1
1
1
X
8 channels or 7.1 not using PSVC (default)
0
0
0
0
X
8 channels using PSVC
0
0
1
0
X
7.1 system using PSVC
0
1
1
0
X
3.3.3.1
Using Line Outputs in 6-Channel Configurations
The audio system can be configured for a 6-channel configuration (with 2 lineouts) by writing a 1 to bit D1
of register 0xE0 (general control register). In this configuration, channel-5 and -6 processing are exactly
the same as the other channels, except that the master volume has no effect.
Note that in 6-channel configuration, channels 5 and 6 are unaffected by back-end error (BKND_ERR
goes low).
To use channels 5 and 6 as unprocessed lineouts, the following setup should be done:
•
Channel-5 volume and channel-6 volume should be set for a constant output such as 0 dB.
•
Bass and treble for channels 5 and 6 can be used if desired.
•
DRC1 should be bypassed for channels 5 and 6.
•
If enabled, the loudness function shapes the response of channels 5 and 6. However, the amplitude of
5 and 6 is not used in determining the loudness response.
•
If a down mix is desired on channels 5 and 6 as lineout, the down mixing can be performed using the
channel-5 and channel-6 input mixers.
•
The operation of the channel-5 and -6 biquads is unaffected by the 6-/8-channel configuration setting.
3.3.4
Recovery from Clock Error
The TAS5508C can be set either to perform a volume ramp up during the recovery sequence of a clock
error or simply to come up in the last state (or desired state if a volume or tone update was in progress).
This feature is enabled via I2C system control register 0x03.
3.3.5
Power-Supply Volume-Control Enable
The power-supply volume control (PSVC) can be enabled and disabled via I2C register 0xE0. The
subwoofer PWM output can be configured to be controlled by the PSVC or digitally attenuated when
PSVC is enabled (for powered subwoofer configurations). Note that PSVC cannot be simultaneously
enabled along with unmute outputs after clock error feature.
3.3.6
Volume and Mute Update Rate
The TAS5508C has fixed soft volume and mute ramp durations. The ramps are linear. The soft volume
and mute ramp rates are adjustable by programming the I2C register 0xD0 for the appropriate number of
steps to be 512, 1024, or 2048. The update is performed at a fixed rate regardless of the sample rate.
•
In normal speed, the update rate is 1 step every 4/Fs seconds.
•
In double speed, the update is 1 step every 8/Fs seconds.
•
In quad speed, the update is 1 step every 16/Fs seconds.
Because of processor loading, the update rate can increase for some increments by 1/Fs to 3/Fs.
However, the variance of the total time to go from 18 dB to mute is less than 25%.
Copyright © 2010, Texas Instruments Incorporated
TAS5508C Controls and Status
49
Submit Documentation Feedback
Product Folder Link(s): TAS5508C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com