Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5508C Datasheet(PDF) 95 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5508C
Description  8-Channel Digital Audio PWM Processor
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5508C Datasheet(HTML) 95 Page - Texas Instruments

Back Button TAS5508C Datasheet HTML 91Page - Texas Instruments TAS5508C Datasheet HTML 92Page - Texas Instruments TAS5508C Datasheet HTML 93Page - Texas Instruments TAS5508C Datasheet HTML 94Page - Texas Instruments TAS5508C Datasheet HTML 95Page - Texas Instruments TAS5508C Datasheet HTML 96Page - Texas Instruments TAS5508C Datasheet HTML 97Page - Texas Instruments TAS5508C Datasheet HTML 98Page - Texas Instruments TAS5508C Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 107 page
background image
TAS5508C
www.ti.com
SLES257 – SEPTEMBER 2010
Table 7-40. Channels 7, 2, and 1 (Center, Right Front, and Left Front)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
0
0
0
0
0
No change
0
0
0
0
0
0
0
1
Bass filter set 1
0
0
0
0
0
0
1
0
Bass filter set 2
0
0
0
0
0
1
1
1
Bass filter set 3
0
0
0
0
0
1
0
0
Bass filter set 4
0
0
0
0
0
1
0
1
Bass filter set 5
0
0
0
0
0
1
1
0
Reserved
0
0
0
0
0
1
1
1
Reserved
7.32 Bass Filter Index Register (0xDB)
Index values above 0x24 are invalid.
Table 7-41. Bass Filter Index Register Format
I2C
TOTAL
REGISTER
DESCRIPTION OF CONTENTS
DEFAULT STATE
SUBADDRESS
BYTES
NAME
0xDB
4
Bass filter index
Ch8_BFI[31:24], Ch65_BFI[23:16], Ch43_BFI[15:8],
0x12, 0x12, 0x12, 0x12
(BFI)
Ch721_BFI[7:0]
Table 7-42. Bass Filter Indexes
BASS INDEX VALUE
ADJUSTMENT (dB)
BASS INDEX VALUE
ADJUSTMENT (dB)
0x00
18
0x13
–1
0x01
17
0x14
–2
0x02
16
0x15
–3
0x03
15
0x16
–4
0x04
14
0x17
–5
0x05
13
0x18
–6
0x06
12
0x19
–7
0x07
11
0x1A
–8
0x08
10
0x1B
–9
0x09
9
0x1C
–10
0x0A
8
0x1D
–11
0x0B
7
0x1E
–12
0x0C
6
0x1F
–13
0x0D
5
0x20
–14
0x0E
4
0x21
–15
0x0F
3
0x22
–16
0x10
2
0x23
–17
0x11
1
0x24
–18
0x12
0
Copyright © 2010, Texas Instruments Incorporated
Serial-Control Interface Register Definitions
95
Submit Documentation Feedback
Product Folder Link(s): TAS5508C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com