Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5508C Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5508C
Description  8-Channel Digital Audio PWM Processor
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5508C Datasheet(HTML) 28 Page - Texas Instruments

Back Button TAS5508C Datasheet HTML 24Page - Texas Instruments TAS5508C Datasheet HTML 25Page - Texas Instruments TAS5508C Datasheet HTML 26Page - Texas Instruments TAS5508C Datasheet HTML 27Page - Texas Instruments TAS5508C Datasheet HTML 28Page - Texas Instruments TAS5508C Datasheet HTML 29Page - Texas Instruments TAS5508C Datasheet HTML 30Page - Texas Instruments TAS5508C Datasheet HTML 31Page - Texas Instruments TAS5508C Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 107 page
background image
Noise Floor With No
Additional Precision
Maximum Signal Amplitude
Ideal Input
Possible Outputs
Desired Output
Filter
Operation
Signal
Bits
Input
Overflow
Reduced
SNR
Signal
Output
Noise Floor as a Result
of Additional Precision
Signal
Bits
Output
Values Retained by
Overflow Bits
M0010-01
Gain Coefficient
48
SDIN1-L
28
48
Gain Coefficient
48
28
48
SUM
w
w
w
Gain Coefficient
48
28
48
M0011-01
SDIN1-R
SDIN4-R
TAS5508C
SLES257 – SEPTEMBER 2010
www.ti.com
Figure 2-10. TAS5508C Digital Audio Processing
2.4
Input Crossbar Mixer
The TAS5508C has a full 8×8 input crossbar mixer. This mixer permits each signal processing channel
input to be any ratio of any of the eight input channels, as shown in Figure 2-11. The control parameters
for the input crossbar mixer are programmable via the I2C interface. See the Input Mixer Registers
(0x41–0x48, Channels 1–8), Section 7.16, for more information.
Figure 2-11. Input Crossbar Mixer
2.5
Biquad Filters
For 32-kHz to 96-kHz data, the TAS5508C provides 56 biquads across the eight channels (seven per
channel).
For 176.4-kHz and 192-kHz data, the TAS5508C has 21 biquads across the three channels (seven per
channel). All of the biquad filters are second-order direct form I structure.
28
Description
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TAS5508C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com