Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHE2805DF/HB-MSTR Datasheet(PDF) 3 Page - International Rectifier

Part # AHE2805DF/HB-MSTR
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHE2805DF/HB-MSTR Datasheet(HTML) 3 Page - International Rectifier

  AHE2805DF/HB-MSTR Datasheet HTML 1Page - International Rectifier AHE2805DF/HB-MSTR Datasheet HTML 2Page - International Rectifier AHE2805DF/HB-MSTR Datasheet HTML 3Page - International Rectifier AHE2805DF/HB-MSTR Datasheet HTML 4Page - International Rectifier AHE2805DF/HB-MSTR Datasheet HTML 5Page - International Rectifier AHE2805DF/HB-MSTR Datasheet HTML 6Page - International Rectifier AHE2805DF/HB-MSTR Datasheet HTML 7Page - International Rectifier AHE2805DF/HB-MSTR Datasheet HTML 8Page - International Rectifier AHE2805DF/HB-MSTR Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.irf.com
3
AHE28XXD Series
Notes to Specifications
Table I. Electrical Performance Characteristics - continued
1
Recovery time is measured from the initiation of the transient to where V
OUT has returned to within ±0.1 % of VOUT at 50 % load.
2 Turn on delay time measurement is for either a step application of power at the input or the removal of a ground signal from the
inhibit pin (pin 2) while power is applied to the input.
3 An overload is that condition with a load in excess of the rated load but less than that necessary to trigger the short circuit
protection and is the condition of maximum power dissipation.
4 Total power at both outputs. For operation at 16V dc input, derate output power by 33 %.
5
Input step transition time between 2.0
µs and 10µs.
6 Capacitive load may be any value from 0 to the maximum limit without compromising dc performance. A capacitive load in excess
of the maximum limit will not disturb loop stability but may interfere with the operation of the load fault detection circuitry,
appearing as a short circuit during turn-on.
7
Load step transition time between 2.0
µs and 10µs.
8
Bandwidth guaranteed by design. Tested for 20KHz to 2.0MHz.
9
Tested at each output.
10 When operating with unbalanced loads, at least 25 % of the load must be on the positive output to maintain regulation.
11 Parameter guaranteed by line and load regulation tests.
12 Parameter shall be tested as part of design characterization and after design or process changes. Thereafter parameters shall be
guaranteed to the limits specified in Table I.
AHE2805D
Test
Symbol
Conditions
-55°
≤Tc ≤+125°C
Vin = 28 Vdc ±5%, CL= 0
unless otherwise
specified
Group A
Subgroups
Device
Types
Limits
Unit
Min
Max
Recovery time step
transient load
changes
1, 7
TTLOAD
50% load to/from 100%
load
4
All
70
µs
5,6
100
No load to 50% load
4,5,6
All
1500
50% load to no load
4,5,6
All
5.0
ms
Output response
transient step line
changes
5, 12
VOTLINE
Input step 17 to 40V dc
4,5,6
All
1200
mVpk
Input step 40 to 17V dc
4,5,6
All
-1500
Recovery time
transient step
line changes
1, 5, 12
TTLINE
Input step 17 to 40V dc
4,5,6
All
4.0
ms
Input step 40 to 17V dc
4,5,6
All
4.0
Turn on overshoot
9
VTonOS
IOUT = 0 and
±625mA
4,5,6
All
600
mVpk
Turn on delay
2, 9
TonD
IOUT = 0 and
±625mA
4,5,6
All
10
ms
Load fault recovery
12
TrLF
4,5,6
All
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com