Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHE2805DF/HB-MSTR Datasheet(PDF) 9 Page - International Rectifier

Part # AHE2805DF/HB-MSTR
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHE2805DF/HB-MSTR Datasheet(HTML) 9 Page - International Rectifier

Back Button AHE2805DF/HB-MSTR Datasheet HTML 2Page - International Rectifier AHE2805DF/HB-MSTR Datasheet HTML 3Page - International Rectifier AHE2805DF/HB-MSTR Datasheet HTML 4Page - International Rectifier AHE2805DF/HB-MSTR Datasheet HTML 5Page - International Rectifier AHE2805DF/HB-MSTR Datasheet HTML 6Page - International Rectifier AHE2805DF/HB-MSTR Datasheet HTML 7Page - International Rectifier AHE2805DF/HB-MSTR Datasheet HTML 8Page - International Rectifier AHE2805DF/HB-MSTR Datasheet HTML 9Page - International Rectifier AHE2805DF/HB-MSTR Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
www.irf.com
9
AHE28XXD Series
Pin Designation
Mechanical Outlines
Flanged
Non-Flanged
2.560
1.110
0.040 D X
0.26 L Pins
4 X 0.400
=1.600
2.880
Max
2.110
Max
0.495
Max
0.050
0.800
2.110
0.495
Ø 0.162
2 Holes
Pin #
Designation
1
+ Input
2
Inhibit Input
3
+ Output
4
Output Return
5
- Output
6NC
7NC
8
Case Ground
9
NC or Sync.
10
Input Return
Standard Microcircuit Drawing Equivalence Table
Standard Microcircuit
Vendor Cage
IR Standard
Drawing Number
Code
Part Number
5962-92040
52467
AHE2812D
5962-91575
52467
AHE2815D



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com