Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHE2805DF/HB-MSTR Datasheet(PDF) 6 Page - International Rectifier

Part # AHE2805DF/HB-MSTR
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHE2805DF/HB-MSTR Datasheet(HTML) 6 Page - International Rectifier

Back Button AHE2805DF/HB-MSTR Datasheet HTML 2Page - International Rectifier AHE2805DF/HB-MSTR Datasheet HTML 3Page - International Rectifier AHE2805DF/HB-MSTR Datasheet HTML 4Page - International Rectifier AHE2805DF/HB-MSTR Datasheet HTML 5Page - International Rectifier AHE2805DF/HB-MSTR Datasheet HTML 6Page - International Rectifier AHE2805DF/HB-MSTR Datasheet HTML 7Page - International Rectifier AHE2805DF/HB-MSTR Datasheet HTML 8Page - International Rectifier AHE2805DF/HB-MSTR Datasheet HTML 9Page - International Rectifier AHE2805DF/HB-MSTR Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
www.irf.com
AHE28XXD Series
Specifications
Table III. Electrical Performance Characteristics
AHE2815D
Refer Notes to Specifications, refer to page 5
Test
Symbol
Conditions
-55°C
≤ Tc ≤+125°C
Vin = 28 Vdc ±5%, CL = 0
Unless otherwise specified
Group A
Subgroups
Device
Types
Limits
Unit
Min
Max
Output voltage
VOUT
IOUT = 0
1
All
±14.85
±15.15
V
2,3
±14.70
±15.30
Output current
9, 11
IOUT
VIN = 17, 28, and 40 V dc
1,2,3
All
0.0
±500
mA
Output ripple voltage
8, 9
VRIP
VIN = 17, 28, and 40 V dc,
B.W. = dc to 2 mHz
1,2,3
All
60
mVp-p
Output power
4, 9, 11
POUT
VIN =17,28, and 40 V dc
1,2,3
All
15
W
1
35
Line
Regulation
9, 10
VRLINE
VIN = 17, 28, and 40 V dc,
Iout = 0,
±250, and ±500mA
2,3
All
75
mV
Load
Regulation
9
VRLOAD
VIN = 17, 28, and 40 V dc,
IOUT = 0,
±250,and ±625
mA
1,2,3
All
150
mV
Input current
IIN
IOUT = 0, inhibit (pin 2)
tied to input return (pin 10)
1,2,3
All
18
mA
IOUT = 0,
inhibit (pin 2) = open
40
Input ripple current
8
IRIP
IOUT =
±500mA
B.W. = DC to 2MHz
1,2,3
All
50
mAp-p
Efficiency
EFF
IOUT =
±500mA
1
All
80
%
TC = +25
°C
Isolation
ISO
Input to output or any pin
to case (except pin 8)
at 500V dc Tc = +25°C
1
All
100
M
Ω
Capacitive load
6, 12
CL
No effect on dc
performance, Tc = +25°C
4
All
200
µF
Power dissipation
load fault
PD
Overload, TC = +25
°C
3
1
All
6.0
W
Switching frequency
9
FS
IOUT =
±500mA
4,5,6
01
225
275
KHz
02
225
245
03
250
275
Output response to
step transient load
changes
7
VOTLOAD
50% load to/from100%load
4
All
-300
+300
5,6
-450
+450
mVpk
No load to/from 50% load
4
All
-500
+500
5,6
-750
+750
Input voltage
-0.5V to +50VDC
Soldering temperature
300°C for 10 seconds
Operating case temperature
-55°C to +125°C
Storage case temperature
-65°C to +135°C
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com