Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1374 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # ZXLD1374
Description  60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST LED DRIVER CONVERTER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1374 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button ZXLD1374 Datasheet HTML 9Page - Diodes Incorporated ZXLD1374 Datasheet HTML 10Page - Diodes Incorporated ZXLD1374 Datasheet HTML 11Page - Diodes Incorporated ZXLD1374 Datasheet HTML 12Page - Diodes Incorporated ZXLD1374 Datasheet HTML 13Page - Diodes Incorporated ZXLD1374 Datasheet HTML 14Page - Diodes Incorporated ZXLD1374 Datasheet HTML 15Page - Diodes Incorporated ZXLD1374 Datasheet HTML 16Page - Diodes Incorporated ZXLD1374 Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
ZXLD1374
ZXLD1374
Document number: DS35032 Rev. 1 - 2
Page 13 of 35
www.diodes.com
October 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Applications Information
The ZXLD1374 is a high accuracy hysteretic inductive Buck/Boost/Buck-boost converter with an internal NMOS switch
designed to be used for current-driving single or multiple series-connected LEDs. The device can be configured to operate
in Buck, Boost, or Buck-boost modes by suitable configuration of the external components as shown in the schematics
shown in the device operation description.
Device Operation
a) Buck mode
The most simple Buck circuit is shown in Figure 26
LED current control in Buck mode is achieved by sensing the
coil current in the sense resistor Rs, connected between the
two inputs of a current monitor within the control loop block.
An output from the control loop drives the input of a
comparator which drives the gate of the internal NMOS switch
transistor.
When the switch is on, current flows from VIN, via Rs, LED,
coil and switch to ground.
This current ramps up until an
upper threshold value is reached. At this point the switch is
turned off and the current flows via Rs, LED, coil and D1 back
to VIN. When the coil current has ramped down to a lower
threshold value the switch is turned on again and the cycle of
events repeats, resulting in continuous oscillation.
The average current in the LED and coil is equal to the
average of the maximum and minimum threshold currents.
The ripple current (hysteresis) is equal to the difference
between the thresholds.
The control loop maintains the average LED current at the set
level by adjusting the thresholds continuously to force the
average current in the coil to the value demanded by the
voltage on the ADJ pin. This minimizes variation in output
current with changes in operating conditions.
The control loop also attempts to minimize changes in
switching frequency by varying the level of hysteresis. The
hysteresis has a defined minimum (typ 5%) and a maximum
(typ 20%), the frequency may deviate from nominal in
extreme conditions. Loop compensation is achieved by a
single external capacitor C1, connected between SHP and
SGND.
VAUX VIN
ISM
PWM
GI
LX
ADJ
LX
REF
FLAG
TADJ
NC x4
SHP STATUS SGND
PGND
L1
D1
C2
C1
VIN
GND
Rs
LED1
LEDn
Figure 26. Buck Configuration
Figure 27. Operating Waveforms (Buck Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com