Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1374 Datasheet(PDF) 15 Page - Diodes Incorporated

Part # ZXLD1374
Description  60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST LED DRIVER CONVERTER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1374 Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button ZXLD1374 Datasheet HTML 11Page - Diodes Incorporated ZXLD1374 Datasheet HTML 12Page - Diodes Incorporated ZXLD1374 Datasheet HTML 13Page - Diodes Incorporated ZXLD1374 Datasheet HTML 14Page - Diodes Incorporated ZXLD1374 Datasheet HTML 15Page - Diodes Incorporated ZXLD1374 Datasheet HTML 16Page - Diodes Incorporated ZXLD1374 Datasheet HTML 17Page - Diodes Incorporated ZXLD1374 Datasheet HTML 18Page - Diodes Incorporated ZXLD1374 Datasheet HTML 19Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
ZXLD1374
ZXLD1374
Document number: DS35032 Rev. 1 - 2
Page 15 of 35
www.diodes.com
October 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Applications Information (Continued)
Component Selection
External component selection is driven by the characteristics of the load and the input supply, since this will determine the
kind of topology being used for the system.
Component selection starts with the current setting procedure and the inductor/frequency setting. Finally after selecting the
freewheeling diode and the output capacitor (if needed), the application section will cover the PWM dimming and thermal
feedback.
Setting the output current
The first choice when defining the output current is whether the device is operating with the load in series with the sense
resistor (Buck mode) or whether the load is not in series with the sense resistor (Boost and Buck-boost modes).
The output current setting depends on the choice of the sense resistor RS, the voltage on the ADJ pin and the voltage on the
GI pin, according to the device working mode. The sense resistor RS sets the coil current IRS.
The ADJ pin may be connected directly to the internal 1.25V reference (VREF) to define the nominal 100% LED current. The
ADJ pin can also be overdriven with an external dc voltage between 125mV and 2.5V to adjust the LED current proportionally
between 10% and 200% of the nominal value.
ADJ and GI are high impedance inputs within their normal operating voltage ranges. An internal 2.6V clamp protects the
device against excessive input voltage and limits the maximum output current to approximately 4% above the maximum
current set by VADJ if the maximum input voltage is exceeded.
Below are provided the details of the LED current calculation both when the load in series with the sense resistor (Buck
mode) and when the load is not in series with the sense resistor (Boost and Buck-boost modes).
In Buck mode, GI is connected to ADJ which results in the average LED
current (ILED) equal to the average sense resistor/coil current (IRS). A loop
gain compensation factor, K, compensates for GI being connected to ADJ.
This gives the following equation for ILED:
REF
ADJ
S
REF
ADJ
S
Rs
LED
V
V
R
mV
218
V
V
R
mV
225
K
I
I
=
=
=
where K = 0.97
If ADJ (and GI pin) is directly connected to VREF, this becomes:
S
Rs
LED
R
mV
218
I
I
=
=
Therefore:
LED
s
I
mV
218
R
=
RS
ISM
VIN
REF
ADJ
GI
SGND
Figure 30: Buck configuration
In Boost and Buck-boost mode GI is connected to ADJ through a voltage divider.
With VADJ equal to VREF, the ratio defined by the resistor divider at the GI pin
determines the ratio of average LED current (ILED) to average sense
resistor/coil current.
⇒
−
=
D
1
I
I
LED
COIL
D
1
xR
I
xR
I
V
S
LED
S
COIL
RS
−
=
=
Where
ILED
=
=
S
REF
ADJ
ADJ
GI
R
225
.
0
V
V
V
V
S
REF
ADJ
2
GI
1
GI
1
GI
R
225
.
0
V
V
)
R
(R
R
+
=
Therefore:
REF
ADJ
LED
2
GI
1
GI
1
GI
s
V
V
I
mV
225
)
R
(R
R
R
+
=
RS
ISM
VIN
REF
ADJ
GI
SGND
RGI2
RGI1
Figure 31: Boost and Buck-boost
connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com