Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1374 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXLD1374
Description  60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST LED DRIVER CONVERTER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1374 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXLD1374 Datasheet HTML 1Page - Diodes Incorporated ZXLD1374 Datasheet HTML 2Page - Diodes Incorporated ZXLD1374 Datasheet HTML 3Page - Diodes Incorporated ZXLD1374 Datasheet HTML 4Page - Diodes Incorporated ZXLD1374 Datasheet HTML 5Page - Diodes Incorporated ZXLD1374 Datasheet HTML 6Page - Diodes Incorporated ZXLD1374 Datasheet HTML 7Page - Diodes Incorporated ZXLD1374 Datasheet HTML 8Page - Diodes Incorporated ZXLD1374 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
ZXLD1374
ZXLD1374
Document number: DS35032 Rev. 1 - 2
Page 3 of 35
www.diodes.com
October 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings (Voltages to GND Unless Otherwise Stated)
Symbol
Parameter
Rating
Unit
VIN
Input supply voltage relative to GND
‡
-0.3 to 65
V
VAUX
Auxiliary supply voltage relative to GND
‡
-0.3 to 65
V
VISM
Current monitor input relative to GND
‡
-0.3 to 65
V
VSENSE
Current monitor sense voltage (VIN-VISM)
-0.3 to 5
V
VLX
Low side switch output voltage to GND
‡
-0.3 to 65
V
ILX
Low side switch continuous output current
1.8
A
ISTATUS
Status pin output current
±1
mA
VFLAG
Flag output voltage to GND
‡
-0.3 to 40
V
VPWM, VADJ,
VTADJ, VGI
Other input pins to GND
‡
-0.3 to 5.5
V
TJ
Maximum junction temperature
150
°C
TST
Storage temperature
-55 to 150
°C
These are stress ratings only. Operation outside the absolute maximum ratings may cause device failure.
Operation at the absolute maximum rating for extended periods may reduce device reliability.
Semiconductor devices are ESD sensitive and may be damaged by exposure to ESD events. Suitable ESD precautions should be taken when handling and
transporting these devices.
Notes:
‡ For correct operation SGND and PGND should always be connected together.
Package Thermal Data
Thermal Resistance
Package
Unit
Junction-to-Case,
θJC
TSSOP-20EP
4
°C/W
Recommended Operating Conditions
Symbol
Parameter
Performance/Comment
Min
Max
Unit
VIN
Input supply voltage range
Normal operation
8
60
V
Functional (Note 2)
6.3
VAUX
Auxiliary supply voltage range (Note 3)
Normal operation
8
60
V
Functional
6.3
VSENSE
Differential input voltage
VVIN-VISM, with 0 ≤ VADJ ≤ 2.5
0
450
mV
VLX
Low side switch output voltage
60
V
ILX
Low side switch continuous output current
1.5
A
VADJ
External dc control voltage applied to ADJ
pin to adjust output current
DC brightness control mode
from 10% to 200%
0.125
2.5
V
ISTATUS
Status pin output current
100
µA
IREF
Reference external load current
REF sourcing current
1
mA
fSW
Recommended switching frequency range (Note 4)
300
1000
kHz
VTADJ
Temperature adjustment (TADJ) input voltage range
0
VREF
V
fPWM
Recommended PWM dimming frequency range
To maintain 1000:1 resolution
100
500
Hz
To maintain 200:1 resolution
100
1000
Hz
tPWMH/L
PWM pulse width in dimming mode
PWM input high or low
0.005
10
ms
VPWMH
PWM pin high level input voltage
2
5.5
V
VPWML
PWM pin low level input voltage
0
0.4
V
TJ
Operating Junction Temperature Range
-40
125
°C
GI
Gain setting ratio for Boost and Buck-boost modes
Ratio= VGI/VADJ
0.20
0.50
Notes:
2.
The functional range of VIN is the voltage range over which the device will function. Output current and device parameters may
deviate from their normal values for VIN and VAUX voltages between 6.3V and 8V, depending upon load and conditions.
3.
VAUX can be driven from a voltage higher than VIN to provide higher efficiency at low VIN voltages, but to avoid false operation; a
voltage should not be applied to VAUX in the absence of a voltage at VIN.
4.
The device contains circuitry to control the switching frequency to approximately 400kHz. The maximum and minimum
operating frequency is not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com