Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHE2805S/HB-MSTR Datasheet(PDF) 3 Page - International Rectifier

Part # AHE2805S/HB-MSTR
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHE2805S/HB-MSTR Datasheet(HTML) 3 Page - International Rectifier

  AHE2805S/HB-MSTR Datasheet HTML 1Page - International Rectifier AHE2805S/HB-MSTR Datasheet HTML 2Page - International Rectifier AHE2805S/HB-MSTR Datasheet HTML 3Page - International Rectifier AHE2805S/HB-MSTR Datasheet HTML 4Page - International Rectifier AHE2805S/HB-MSTR Datasheet HTML 5Page - International Rectifier AHE2805S/HB-MSTR Datasheet HTML 6Page - International Rectifier AHE2805S/HB-MSTR Datasheet HTML 7Page - International Rectifier AHE2805S/HB-MSTR Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.irf.com
3
AHE28XXS Series
Specifications
T
CASE = -55°C to +105°C, VIN = +28V ± 5% unless otherwise specified
1.
Above +105
°C case temperature, derate output power linearly to 0 at 125°C case.
2.
Recovery time is measured from the initiation of the transient to where V
OUT has returned to within ±1.0% of VOUT at 50% load.
See typical waveforms.
3.
Turn-on delay time measurement is for either an application of power at the input or a signal at the shutdown pin.
4.
For operation at 16VDC, derate output power by 33%.
5.
Above +85
°C case temperature, derate maximum input voltage linearly to 33V at +125°C case.
Notes to Specifications
Input Voltage
5
-0.5V to +50VDC
Power Output
Soldering Temperature 300°C for 10 seconds
Temperature Range
1
Operating Temperature
-55°C to +125°C
Storage Case Temperature -65°C to +135°C
Absolute Maximum Ratings
Internally limited, 17.5W typ. for AHE2805S/ES, 22.5W typ. for AHE2812S/ES and AHE2815S/ES
AHE2805S/ES
AHE2812S/ES
AHE2815S/ES
Parameter
Conditions
-55°C
≤ Tc ≤ +105°C
Vin = 28 Vdc ±5%,CL = 0
Unless otherwise specified
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
Static Characteristic
OUTPUT
Voltage
Current
Ripple
Accuracy
Power1
VIN=17 to 40 VDC
IOUT=0 to Full Load
Full Load, DC to 1MHz
TCASE = 25°C, IOUT = 0
4.90
0.0
4.95
15
5.00
20
5.00
5.10
3000
60
5.05
11.76
0.0
11.88
20
12.00
30
12.00
12.24
1667
60
12.12
14.70
0.0
14.85
20
15.00
30
15.00
15.30
1333
60
15.15
VDC
mADC
mVp-p
VDC
W
REGULATION
Line
Load
VIN = 17 to 40 VDC
IOUT = 0 to Full Load
±0.5
±0.5
±1.0
±1.0
±0.5
±0.5
±1.0
±1.0
±0.5
±0.5
±1.0
±1.0
%
INPUT
Voltage Range4
Current
Ripple Current
Inhibited
No Load
Full Load
17
28
8.0
20
40
18
35
50
17
28
8.0
25
40
18
35
50
17
28
8.0
25
40
18
35
50
VDC
mADC
mADC
mV p-p
Efficiency
TCASE = +25°C
Half load to Full load
78
82
79
83
80
84
%
Capacitive Load
No effect on performance
500
200
200
µF
Load fault power
dissipation4
6.0
6.0
6.0
W
Isolation
Input to Output @ 500Vdc
100
100
100
M
Ω
Dynamic
Characteristic
Step Load Changes
Output
Transient
50% Load 100% Load
No Load 50% Load
±150
-300
±200
-400
±200
-400
mVpk
mVpk
50% Load No Load
+300
+400
+400
mVpk
Recovery2
50% Load 100% Load
No Load 50% Load
50% Load No Load
25
500
7.0
25
500
7.0
25
500
7.0
µs
µs
ms
Step Line Changes
Output
Transient
Recovery2
Input step 17 to 40VDC
Input step 40 to 17VDC
Input step 17 to 40VDC
Input step 40 to 17VDC
+180
-600
400
400
+180
-600
400
400
+180
-600
400
400
mVpk
mVpk
µs
µs
TURN –ON
Overshoot
Delay3
VIN = 17 to 40VDC
IOUT = 0 to Full Load
0
8.0
500
14
300
8.0
600
14
300
8.0
750
14
mVpk
ms
Load Fault Recovery4
VIN = 17 to 40VDC
8.0
14
8.0
14
8.0
14
ms
Weight
Standard Package
Flange Package
60
65
60
65
60
65
g



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com