Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHE2805S/HB-MSTR Datasheet(PDF) 5 Page - International Rectifier

Part # AHE2805S/HB-MSTR
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHE2805S/HB-MSTR Datasheet(HTML) 5 Page - International Rectifier

  AHE2805S/HB-MSTR Datasheet HTML 1Page - International Rectifier AHE2805S/HB-MSTR Datasheet HTML 2Page - International Rectifier AHE2805S/HB-MSTR Datasheet HTML 3Page - International Rectifier AHE2805S/HB-MSTR Datasheet HTML 4Page - International Rectifier AHE2805S/HB-MSTR Datasheet HTML 5Page - International Rectifier AHE2805S/HB-MSTR Datasheet HTML 6Page - International Rectifier AHE2805S/HB-MSTR Datasheet HTML 7Page - International Rectifier AHE2805S/HB-MSTR Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.irf.com
5
AHE28XXS Series
Connecting the inhibit input (Pin 2) to input common (Pin 10)
will cause the converter to shut down. It is recommended
that the inhibit pin be driven by an open collector device
capable of sinking at least 400µA of current. The open
circuit voltage of the inhibit input is 11.5 ± 1.0VDC.
Block Diagram
Application Information
Inhibit Function
EMI Filter
An EMI filter (AFC461), available as an option, will reduce
the input ripple current to levels below the limits imposed by
MIL-STD-461B CEO.
Resistance Pin 3 to 4 (:)
Output Voltage Increases (%)
None
0
390K
+1%
145K
+2%
63K
+3%
22K
+4%
0
+5%
Output Voltage Adjustment (AHE2805 only)
The output voltage of the AHE2805S converter can be
adjusted upward by connecting an appropriate resistor
between Output Adjust (Pin 3) and Output Common
(Pin 4) as shown in Table 1 below.
Table 1 Output adjustment resistor values
Device Synchronization
Whenever multiple DC/DC converters are utilized in a
single system, significant low frequency noise may be
generated due to slight difference in the switching
frequencies of the converters (beat frequency noise).
Because of the low frequency nature of this noise
(typically less than 10KHz), it is difficult to filter out and
may interfere with proper operation of sensitive systems
(communications, radar or telemetry). Intenational
Rectifier offers an option, which provides synchronization
of multiple AHE/ATW/ATO type converters, thus
eliminating this type of noise.
Typical Synchronization Connection
AHE28xxS
-SLV
AHE28xxS
- MSTR
AFC461
or
AFV461
AHE28xxD
-SLV
+ In
+ In
+ In
Case
Case
Case
Return
Return
Return
Return
Return
Return
Output
+Output
Output
MSTR
SLV
SLV
+ In
Return
Output
Return
System
Bus
-Output
5
4
+Vout
Output
Return
Pulse Width
Modulator
EMI
Filter
1
2
10
+Input
Inhibit
Input
Input
Return
Error
Amp &
Ref
3VADJ
FB
Drive 1
Drive 2
9
Sync



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com