Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHE2805S/HB-MSTR Datasheet(PDF) 1 Page - International Rectifier

Part # AHE2805S/HB-MSTR
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHE2805S/HB-MSTR Datasheet(HTML) 1 Page - International Rectifier

  AHE2805S/HB-MSTR Datasheet HTML 1Page - International Rectifier AHE2805S/HB-MSTR Datasheet HTML 2Page - International Rectifier AHE2805S/HB-MSTR Datasheet HTML 3Page - International Rectifier AHE2805S/HB-MSTR Datasheet HTML 4Page - International Rectifier AHE2805S/HB-MSTR Datasheet HTML 5Page - International Rectifier AHE2805S/HB-MSTR Datasheet HTML 6Page - International Rectifier AHE2805S/HB-MSTR Datasheet HTML 7Page - International Rectifier AHE2805S/HB-MSTR Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
01/08/07
www.irf.com
1
HYBRID-HIGH RELIABILITY
DC/DC CONVERTER
AHE28XXS SERIES
Description
n 17V to 40VDC Input Range (28VDC Nominal)
n 5V, 12V and 15V Outputs Available
n Indefinite Short Circuit and Overload Protection
n 17 W/in
3 Power Density
n 15W and 20W Output Power Models
n Fast Loop Response for Superior Transient
Characteristics
n Operating Temperature Range from -55°C to
+125°C Available
n Popular Industry Standard Pin-Out
n Resistance Seam Welded Case for Superior
Long Term Hermeticity
n Efficiencies up to 84%
n Shutdown from External Signal
n Military Screening
n 325,000 hour MTBF at 85°C (AUC)
n Standard Microcircuit Drawings Available
Features
AHE
28V Input, Single Output
The advanced feedback design provides fast loop
response for superior line and load transient
characteristics and offers greater reliability and radiation
tolerance than devices incorporating optical feedback
circuits.
Manufactured in a facility fully qualified to MIL-PRF-
38534, these converters are fabricated utilizing DSCC
qualified processes. For available screening options,
refer to device screening table in the data sheet. Variations
in electrical, mechanical and screening can be
accommodated. Extensive computer simulation using
complex modeling enables rapid design modification
to be provided. Contact IR Santa Clara with specific
requirements.
The AHE28XXS Series of DC/DC converters feature
high power density and an extended temperature range
for use in military and industrial applications. Designed
to MIL-STD-704D input requirements, these devices
have nominal 28VDC inputs with +5V, +12V and +15V
single outputs to satisfy a wide range of requirements.
The circuit design incorporates a pulse width modulated
push-pull topology operating in the feed-forward mode
at a nominal switching frequency of 250KHz. Input to
output isolation is achieved through the use of
transformers in the forward and feedback circuits.
PD-94554B
Three standard temperature grades are offered with
screening options. Refer to Part Number section. They
can be provided in a standard plug-in package for PC
mounting or in a flanged package for more severe
environments.


Similar Part No. - AHE2805S/HB-MSTR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHE2805S/HB-MSTR IRF-AHE2805S/HB-MSTR Datasheet
63Kb / 8P
ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
More results

Similar Description - AHE2805S/HB-MSTR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5009S IRF-AFL5009S Datasheet
210Kb / 12P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL2700S IRF-AFL2700S_15 Datasheet
539Kb / 16P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATR2800D IRF-ATR2800D_15 Datasheet
275Kb / 8P
HYBRID - HIGH RELIABILITY DC-DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
HYBRID-HIGH RELIABILITY DC-DC CONVERTER
AHP27005DXES IRF-AHP27005DXES Datasheet
214Kb / 10P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com