Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR2805S Datasheet(PDF) 7 Page - International Rectifier

Part # ATR2805S
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ATR2805S Datasheet(HTML) 7 Page - International Rectifier

Back Button ATR2805S Datasheet HTML 3Page - International Rectifier ATR2805S Datasheet HTML 4Page - International Rectifier ATR2805S Datasheet HTML 5Page - International Rectifier ATR2805S Datasheet HTML 6Page - International Rectifier ATR2805S Datasheet HTML 7Page - International Rectifier ATR2805S Datasheet HTML 8Page - International Rectifier ATR2805S Datasheet HTML 9Page - International Rectifier ATR2805S Datasheet HTML 10Page - International Rectifier ATR2805S Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
www.irf.com
7
ATR28XXS Series
Table III. Electrical performance Characteristics - continued
ATR2812S
Notes to Specifications
1 Parameter guaranteed by line and load regulation tests.
2 Bandwidth guaranteed by design. Tested for 20KHz to 2.0MHz.
3 Output voltage measured at load with remote sense leads connected across load.
4 Capacitive load may be any value from 0 to the maximum limit without compromising dc performance. A capacitive load in excess of
the maximum limit will not disturb loop stability but may interfere with the operation of the load fault detection circuitry, appearing
as a short circuit during turn on.
5 Parameter shall be tested as part of design characterization and after design or process changes. There after parameters shall be
guaranteed to the limits specified in table III.
6 An overload is that condition with a load in excess of the rated load but less than that necessary to trigger the short circuit
protection and is the condition of maximum power dissipation.
7 Load step transition time between 2.0
µs and 10µs.
8 Recovery time is measured from the initiation of the transient to where V
OUT has returned to within ±1.0% of VOUT at 50% load.
9 Input step transition time between 2.0
µs and 10µs.
10 Turn on delay time measurement is for either a step application of power at the input or the removal of a ground signal from the
inhibit pin (pin 2) while power is applied to the input.
Limits
Test
Symbol
Conditions
-55
°C ≤ TC ≤ +125°C
VIN = 28VDC
±5%, CL = 0
Unless otherwise specified
Group A
Subgroups
Device
Types
Min
Max
Units
Recovery time transient
step line changes
5, 8, 9
TTLINE
Input step 16V to/from
40VDC, IOUT = 2500mA
4,5,6
01
10
ms
Turn on overshoot
VTonOS
IOUT =0 and 2500mA
4,5,6
01
800
mV pk
Turn on delay
10
TonD
IOUT =0 and 2500mA
4,5,6
01
25
ms
Load fault recovery
5, 10
TrLF
4,5,6
01
25
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com