Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR2805S Datasheet(PDF) 10 Page - International Rectifier

Part # ATR2805S
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ATR2805S Datasheet(HTML) 10 Page - International Rectifier

Back Button ATR2805S Datasheet HTML 4Page - International Rectifier ATR2805S Datasheet HTML 5Page - International Rectifier ATR2805S Datasheet HTML 6Page - International Rectifier ATR2805S Datasheet HTML 7Page - International Rectifier ATR2805S Datasheet HTML 8Page - International Rectifier ATR2805S Datasheet HTML 9Page - International Rectifier ATR2805S Datasheet HTML 10Page - International Rectifier ATR2805S Datasheet HTML 11Page - International Rectifier ATR2805S Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
www.irf.com
ATR28XXS Series
Connecting the inhibit input (Pin 2) to input common (Pin 10)
will cause the converter to shut down. It is recommended
that the inhibit pin be driven by an open collector device
capable of sinking at least 400µA of current. The open
circuit voltage of the inhibit input is 11.5 ±1.0VDC.
Assuming that there is no forced air flow, the package
temperature rise above ambient (
∆T) may be calculated
using the following expression:
where A = the effective surface area in square inches
(Including heat sink if used),P
d = power dissipation in watts.
The total surface area of the ATR package is 7.34 square
inches. If a worse case full load efficiency of 76% is
assumed, then the case temperature rise of an ATR2805S
can be calculated as follows:
Hence, if T
AMBIENT = +25°C, the DC/DC converter
case
temperature will be approximately 159
°C if no heat sink
or air flow is provided.
Block Diagram
Application Information
Inhibit Function
Thermal Management
To calculate the heat sink area required to maintain a
specific case temperature rise, the above equation may
be manipulated as follows:
PKG
d
HEATSINK
A
P
T
A
−
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡ ∆
=
− 43
1
85
0
80
.
.
As an example, if a maximum case temperature rise of
50
°C above ambient is required, then the required
effective heat sink area is:
EMI Filter
An Optional EMI filter (AFC461)is available that will reduce
the input ripple current to levels below the limits imposed by
MIL-STD-461B CEO3.
Whenever multiple DC/DC converters are utilized in a single
system, significant low frequency noise may be generated
due to slight difference in the switching frequencies of the
converters. Because of the low frequency nature of this
noise (typically less than 10KHz), it is difficult to filter out
and may interfere with proper operation of sensitive
systems. International Rectifier permits synchronization of
multiple ATR28XX converters to match switching frequency
of the converter to the frequency of the system clock, thus
eliminating this type of noise.
Device Synchronization
W
Eff
P
P
out
5
9
1
76
1
30
1
1
.
=
⎥⎦
⎤
⎢⎣
⎡
−
=
⎥⎦
⎤
⎢⎣
⎡
−
=
∆T = 80 A –0.7 P 0.85 (°C)
∆T = 80 (7.34)-0.7 (9.5)0.85 = 134°C
()
2
43
1
85
0
9
22
34
7
5
9
80
50
in
A
HEATSINK
.
.
.
.
.
=
−
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
=
−
Output Voltage Adjustment
The output voltage of the ATR2805S converter can be
adjusted upward by connecting an appropriate resistor value
between the Positive Output (Pin 5) and the Positive Sense
(Pin 6) as shown in Table 1 below.
Resistance Pin 5 to 6 (
Ω)
Output Voltage Increase (V)
109
0.1
240
0.2
400
0.3
600
0.4
857
0.5
1200
0.6
Table1 Output adjustment resistor values for ATR2805S
5
4
+Vout
Output
Return
Pulse Width
Modulator
Primary
Housekeeping
Supply
EMI
Filter
1
10
+Input
Inhibit
Input
Sync
Input
Return
Error
Amp &
Ref
+Sense
Sense
Return
FB
CS
Drive
Case
6
3
9
8
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com