Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR2805S Datasheet(PDF) 8 Page - International Rectifier

Part # ATR2805S
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ATR2805S Datasheet(HTML) 8 Page - International Rectifier

Back Button ATR2805S Datasheet HTML 4Page - International Rectifier ATR2805S Datasheet HTML 5Page - International Rectifier ATR2805S Datasheet HTML 6Page - International Rectifier ATR2805S Datasheet HTML 7Page - International Rectifier ATR2805S Datasheet HTML 8Page - International Rectifier ATR2805S Datasheet HTML 9Page - International Rectifier ATR2805S Datasheet HTML 10Page - International Rectifier ATR2805S Datasheet HTML 11Page - International Rectifier ATR2805S Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
www.irf.com
ATR28XXS Series
Specifications
Table IV. Electrical performance Characteristics
ATR2815S
For Notes to Specifications, refer to page 9
Input voltage
-0.5V to +50VDC
Soldering temperature
300°C for 10 seconds
Operating case temperature
-55°C to +125°C
Storage case temperature
-65°C to +135°C
Absolute Maximum Ratings
Limits
Test
Symbol
Conditions
-55
°C ≤ TC ≤ +125°C
VIN = 28VDC
±5%, CL = 0
Unless otherwise specified
Group A
Subgroups
Device
Types
Min
Max
Units
Output voltage
VOUT
IOUT = 0
1
01
14.85
15.15
V
2,3
14.60
15.40
Output current
1
IOUT
VIN = 16, 28, and 40 VDC
each output.
1,2,3
01
2000
mA
Output ripple voltage
3
VRIP
VIN = 16, 28, and 40 VDC
B.W. = 20Hz to 2 MHz
1,2,3
01
±75
mVp-p
Line regulation
3
VRLINE
VIN = 16, 28, and 40 VDC
IOUT = 0, 1250, and 2500mA
1
01
±35
mV
2,3
±75
Load regulation
3
VRLOAD
VIN = 16,28, and 40 VDC
IOUT = 0, 1250, and 2500mA
1
01
±75
mV
2,3
±150
Input current
IIN
IOUT = 0, inhibit (pin 2)
Tied to input return (pin 10)
1,2,3
01
18
mA
IOUT = 0,
1
75
Inhibit (pin 2) = open
2,3
100
Input ripple current
2
IRIP
IOUT = 2500mA
B.W. = 20Hz to 2 MHz
1,2,3
01
50
mAp-p
Efficiency
4
EFF
IOUT = 2500mA
1
01
79
%
2,3
75
Isolation
ISO
Input to output or any pin
to case (except pin 7) at
500 VDC, TC =+25
°C
1
01
100
M
Ω
Capacitive load
4, 5
CL
No effect on dc performance,
TC =+25
°C. Total for both
outputs
4
01
500
µF
Power dissipation
load fault
PD
Overload, TC = +25
°C
6
1
01
12
W
Short Circuit
1,2,3
9.0
Switching frequency
4
FS
IOUT = 2500mA
4,5,6
01
500
600
KHz
Sync frequency range
FSYNC
IOUT = 2500mA
4,5,6
01
500
700
KHz
Output response to step
VOTLOAD
1000mA to/from 2000mA
4,5,6
01
-1000
+1000
mVp-k
transient load changes
7
167mA to/from 1000mA
4,5,6
-1000
+1000
Recovery time step
TTLOAD
1000mA to/from 2000mA
4
100
transient load changes
7, 8
5,6
01
200
µs
167mA to/from 1000mA
4
100
5,6
200
Output response to
transient step line
changes
5, 9
VOTLINE
Input step 16V to/from
40VDC, IOUT = 2000mA
4,5,6
01
±1500
mVpk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com