Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP98C Datasheet(PDF) 2 Page - EPCOS

Part # LP98C
Description  SAW IF filter CATV, pilot tone
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

LP98C Datasheet(HTML) 2 Page - EPCOS

  LP98C Datasheet HTML 1Page - EPCOS LP98C Datasheet HTML 2Page - EPCOS LP98C Datasheet HTML 3Page - EPCOS LP98C Datasheet HTML 4Page - EPCOS LP98C Datasheet HTML 5Page - EPCOS LP98C Datasheet HTML 6Page - EPCOS LP98C Datasheet HTML 7Page - EPCOS LP98C Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Aug 07, 2008
LP98C
711.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW IF filter
Preliminary Data
Revision History: Changes compared to previous iteration issue
ISSUE
ORIGINATOR
DETAIL SPEC CHANGES
DATE
DGLP98A01
0.1
T. Gärtner
design goal
07.04.06
LP98B
1.0
T. Gärtner
preliminary data for first samples, matching pro-
posal added
04.08.06
LP98C
1.0
T. Gärtner
chip code changed, electrical performance and
specification identical to LP98B
07.08.08



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com