Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP98C Datasheet(PDF) 5 Page - EPCOS

Part # LP98C
Description  SAW IF filter CATV, pilot tone
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

LP98C Datasheet(HTML) 5 Page - EPCOS

  LP98C Datasheet HTML 1Page - EPCOS LP98C Datasheet HTML 2Page - EPCOS LP98C Datasheet HTML 3Page - EPCOS LP98C Datasheet HTML 4Page - EPCOS LP98C Datasheet HTML 5Page - EPCOS LP98C Datasheet HTML 6Page - EPCOS LP98C Datasheet HTML 7Page - EPCOS LP98C Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Aug 07, 2008
LP98C
711.0 MHz
SAW Components
SAW IF filter
Preliminary Data
Please read
cautions and warnings and
important notes at the end of this document.
Matching network to 50
Ω
Element values depend upon PCB layout.
Cp1 = 9.4 pF
Ls2 = not used
Ls3 = not used
Cp4 = 8.2 pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com