Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP98C Datasheet(PDF) 4 Page - EPCOS

Part # LP98C
Description  SAW IF filter CATV, pilot tone
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

LP98C Datasheet(HTML) 4 Page - EPCOS

  LP98C Datasheet HTML 1Page - EPCOS LP98C Datasheet HTML 2Page - EPCOS LP98C Datasheet HTML 3Page - EPCOS LP98C Datasheet HTML 4Page - EPCOS LP98C Datasheet HTML 5Page - EPCOS LP98C Datasheet HTML 6Page - EPCOS LP98C Datasheet HTML 7Page - EPCOS LP98C Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Aug 07, 2008
LP98C
711.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW IF filter
Preliminary Data
Characteristics
Operating temperature range:
T
=
–25 to 85 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
710.25
711.0
711.75
MHz
Nominal frequency
fN
—
711.0
—
MHz
Minimum insertion attenuation
α
min
—
8.8
10.0
dB
(including matching network)
Amplitude ripple (p-p)
∆α
fN ± 0.75 MHz
—
0.3
1.5
dB
Passband width (p-p)
α
rel ≤
1.0 dB
B1 dB
1.5
3.1
—
MHz
α
rel ≤
3.0 dB
B3 dB
2.6
3.7
—
MHz
α
rel ≤ 35.0 dB
B35 dB
—
6.6
8.0
MHz
Relative attenuation (relative to
α
min)
α
rel
fN ± 4.0 ...
fN ± 5.0 MHz
25
43
—
dB
fN ± 5.0 ...
fN ± 40.0 MHz
35
43
—
dB
5.00 MHz...
fN − 40.0 MHz
45
50
—
dB
fN + 40.00 MHz ...
862.0 MHz
45
50
—
dB
Temperature coefficient of frequency1)
1)
Temperature dependance of fc:fc(TA) = fc(T0) (1 + TCf(TA – T0)2)
TCf
—
–0.036
—
ppm/K2
Turnover temperature
T0
—30
—
˚C
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0
V
ESD voltage
VESD
2001)
1) acc. to J-STD22A-0115A (machine model, 1 pulse +/-).
V
machine model, 1 pulse
Input power
PIN
5
dBm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com