Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2227CSZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL2227CSZ
Description  Dual, Very Low Noise Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2227CSZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL2227CSZ Datasheet HTML 3Page - Intersil Corporation EL2227CSZ Datasheet HTML 4Page - Intersil Corporation EL2227CSZ Datasheet HTML 5Page - Intersil Corporation EL2227CSZ Datasheet HTML 6Page - Intersil Corporation EL2227CSZ Datasheet HTML 7Page - Intersil Corporation EL2227CSZ Datasheet HTML 8Page - Intersil Corporation EL2227CSZ Datasheet HTML 9Page - Intersil Corporation EL2227CSZ Datasheet HTML 10Page - Intersil Corporation EL2227CSZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
FN7058.4
September 14 ,2010
FIGURE 19. GROUP DELAY vs FREQUENCY
FIGURE 20. DIFFERENTIAL GAIN/PHASE vs DC INPUT
VOLTAGE AT 3.58MHz
FIGURE 21. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 22. CLOSED LOOP OUTPUT IMPEDANCE vs
FREQUENCY
FIGURE 23. CMRR
FIGURE 24. PSRR
Typical Performance Curves (Continued)
10
8
6
4
2
0
-2
-4
-6
-8
-10
1M
10M
FREQUENCY (Hz)
AV = 5V
AV = 2V
100M
VS = ±12V
RF = 620Ω
RL = 500Ω
PIN = -20dBm into 50Ω
0.10
0.08
0.06
0.04
0.02
0
-0.02
-1.0
0
DC INPUT VOLTAGE (V)
dG
1.0
-0.5
0.5
AV = 2
RF = 620Ω
RL = 150Ω
fO = 3.58MHz
dP
12
6
0
612
0
1.2/DI
1.2/DI
SUPPLY VOLTAGE (±V)
100
10
1
0.1
0.01
10k
1M
FREQUENCY (Hz)
100M
100k
10M
110
90
70
50
30
10
10
10k
FREQUENCY (Hz)
1M
100M
100
1k
100k
10M
VS = ±12
0
60
80
100
1k
1M
FREQUENCY (Hz)
10M
100M
10k
40
20
100k
VS-
VS+
EL2227



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com