Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2227CSZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL2227CSZ
Description  Dual, Very Low Noise Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2227CSZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL2227CSZ Datasheet HTML 4Page - Intersil Corporation EL2227CSZ Datasheet HTML 5Page - Intersil Corporation EL2227CSZ Datasheet HTML 6Page - Intersil Corporation EL2227CSZ Datasheet HTML 7Page - Intersil Corporation EL2227CSZ Datasheet HTML 8Page - Intersil Corporation EL2227CSZ Datasheet HTML 9Page - Intersil Corporation EL2227CSZ Datasheet HTML 10Page - Intersil Corporation EL2227CSZ Datasheet HTML 11Page - Intersil Corporation EL2227CSZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
FN7058.4
September 14 ,2010
FIGURE 25. 1MHz 2nd AND 3rd HARMONIC DISTORTION vs
OUTPUT SWING FOR VS = ±12V
FIGURE 26. 1MHz 2nd AND 3rd HARMONIC DISTORTION vs
OUTPUT SWING FOR VS = ±2.5V
FIGURE 27. TOTAL HARMONIC DISTORTION vs FREQUENCY
@ 2VP-P VS = ±12V
FIGURE 28. TOTAL HARMONIC DISTORTION vs FREQUENCY
@ 2VP-P VS = ±2.5V
FIGURE 29. VOLTAGE AND CURRENT NOISE vs FREQUENCY
FIGURE 30. CHANNEL-TO-CHANNEL ISOLATION vs
FREQUENCY
Typical Performance Curves (Continued)
-40
-50
-60
-70
-80
-90
-100
08
OUTPUT SWING (VP-P)
16
20
4
12
2nd
3rd H
AV = 2
RF = 620Ω
RL = 500Ω
-50
-60
-70
-80
-90
-100
01.5
OUTPUT SWING (VP-P)
2.5
0.5
2
1
2nd
3rd H
AV = 2
RF = 358Ω
RL = 500Ω
-60
-70
-90
-100
-110
-120
1
FREQUENCY (kHz)
1000
10
100
-80
RL = 500
RL = 50
FREQUENCY (kHz)
-60
-70
-90
-100
-110
-120
1
1000
10
100
-80
RL = 500
RL = 50
10
9
6
5
4
3
2
1
10
1k
FREQUENCY (Hz)
10k
100k
100
8
7
IN
EN
0
-20
-40
-60
-80
-100
100k
1M
FREQUENCY (Hz)
100M
10M
A
→ B
B
→ A
EL2227



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com