Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2227CSZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL2227CSZ
Description  Dual, Very Low Noise Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2227CSZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL2227CSZ Datasheet HTML 5Page - Intersil Corporation EL2227CSZ Datasheet HTML 6Page - Intersil Corporation EL2227CSZ Datasheet HTML 7Page - Intersil Corporation EL2227CSZ Datasheet HTML 8Page - Intersil Corporation EL2227CSZ Datasheet HTML 9Page - Intersil Corporation EL2227CSZ Datasheet HTML 10Page - Intersil Corporation EL2227CSZ Datasheet HTML 11Page - Intersil Corporation EL2227CSZ Datasheet HTML 12Page - Intersil Corporation EL2227CSZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
FN7058.4
September 14 ,2010
FIGURE 31. -3dB BANDWIDTH vs TEMPERATURE
FIGURE 32. SUPPLY CURRENT vs TEMPERATURE
FIGURE 33. VOS vs TEMPERATURE
FIGURE 34. INPUT BIAS CURRENT vs TEMPERATURE
FIGURE 35. SLEW RATE vs TEMPERATURE
FIGURE 36. SETTLING TIME vs ACCURACY
Typical Performance Curves (Continued)
150
140
120
110
100
90
80
0
100
DIE TEMPERATURE (°C)
130
40
-20
-40
20
80
140
60
120
10.0
9.0
8.5
-50
50
DIE TEMPERATURE (°C)
100
150
0
9.5
2
0
-2
-4
-50
0
DIE TEMPERATURE (°C)
150
50
100
-2
-4
-5
-6
-50
50
DIE TEMPERATURE (°C)
100
150
0
-3
55
53
51
49
47
45
-50
DIE TEMPERATURE (°C)
50
150
0100
160
140
100
60
20
0
0.01
ACCURACY (%)
1.0
0.1
120
80
40
VS = ±2.5V
VO = 2VP-P
VS = ±12V
VO = 5VP-P
VS = ±12V
VO = 2VP-P
EL2227



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com