Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32504 Datasheet(PDF) 12 Page - EPCOS

Part # B32504
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32504 Datasheet(HTML) 12 Page - EPCOS

Back Button B32504 Datasheet HTML 8Page - EPCOS B32504 Datasheet HTML 9Page - EPCOS B32504 Datasheet HTML 10Page - EPCOS B32504 Datasheet HTML 11Page - EPCOS B32504 Datasheet HTML 12Page - EPCOS B32504 Datasheet HTML 13Page - EPCOS B32504 Datasheet HTML 14Page - EPCOS B32504 Datasheet HTML 15Page - EPCOS B32504 Datasheet HTML 16Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
Ordering codes and packing units (lead spacing 10 mm)
VR
V DC
VRMS
f
≤60 Hz
V AC
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./
MOQ
Untaped
pcs./
MOQ
∇ Wound capacitor technology
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
J =
±5%
289 = Ammo pack
189 = Reel
000 = Untaped (lead length 6
1 mm)
63
40
0.47
4.0
× 7.0 × 13.0 B32521C0474+*** 4000
6800
4000
0.68
4.0
× 7.0 × 13.0 B32521C0684+*** 4000
6800
4000
1.0
4.0
× 9.0 × 13.0 B32521C0105+*** 4000
6800
4000
1.5
5.0
× 11.0 × 13.0 B32521C0155+*** 3320
5200
4000
2.2
5.0
× 11.0 × 13.0 B32521C0225+*** 3320
5200
4000
3.3
6.0
× 12.0 × 13.0 B32521C0335+*** 2720
4400
4000
100
63
0.10
4.0
× 7.0 × 13.0 B32521C1104+*** 4000
6800
4000
0.15
4.0
× 7.0 × 13.0 B32521C1154+*** 4000
6800
4000
0.22
4.0
× 7.0 × 13.0 B32521C1224+*** 4000
6800
4000
0.33
4.0
× 7.0 × 13.0 B32521C1334+*** 4000
6800
4000
0.47
4.0
× 9.0 × 13.0 B32521C1474+*** 4000
6800
4000
0.68
5.0
× 11.0 × 13.0 B32521C1684+*** 3320
5200
4000
1.0
6.0
× 12.0 × 13.0 B32521C1105+*** 2720
4400
4000
250
160
0.033
4.0
× 7.0 × 13.0 B32521C3333+*** 4000
6800
4000
0.047
4.0
× 7.0 × 13.0 B32521C3473+*** 4000
6800
4000
0.068
4.0
× 7.0 × 13.0 B32521C3683+*** 4000
6800
4000
0.10
4.0
× 7.0 × 13.0 B32521C3104+*** 4000
6800
4000
0.15
4.0
× 9.0 × 13.0 B32521C3154+*** 4000
6800
4000
0.22
5.0
× 11.0 × 13.0 B32521C3224+*** 3320
5200
4000
0.33
5.0
× 11.0 × 13.0 B32521C3334+*** 3320
5200
4000
0.47
6.0
× 12.0 × 13.0 B32521C3474+*** 2720
4400
4000
400
200
0.010
4.0
× 7.0 × 13.0 B32521E6103+*** 4000
6800
4000
0.015
4.0
× 7.0 × 13.0 B32521E6153+*** 4000
6800
4000
0.022
4.0
× 7.0 × 13.0 B32521E6223+*** 4000
6800
4000
0.033
4.0
× 7.0 × 13.0 B32521E6333+*** 4000
6800
4000
0.047
4.0
× 9.0 × 13.0 B32521E6473+*** 4000
6800
4000
0.068
4.0
× 9.0 × 13.0 B32521E6683+*** 4000
6800
4000
0.10
5.0
× 11.0 × 13.0 B32521E6104+*** 3320
5200
4000
0.15
6.0
× 12.0 × 13.0 B32521E6154+*** 2720
4400
4000
B32521
General purpose (stacked/wound)
Page 12 of 46
Please read Important notes
at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com