Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32504 Datasheet(PDF) 22 Page - EPCOS

Part # B32504
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32504 Datasheet(HTML) 22 Page - EPCOS

Back Button B32504 Datasheet HTML 18Page - EPCOS B32504 Datasheet HTML 19Page - EPCOS B32504 Datasheet HTML 20Page - EPCOS B32504 Datasheet HTML 21Page - EPCOS B32504 Datasheet HTML 22Page - EPCOS B32504 Datasheet HTML 23Page - EPCOS B32504 Datasheet HTML 24Page - EPCOS B32504 Datasheet HTML 25Page - EPCOS B32504 Datasheet HTML 26Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
Pulse handling capability
"dV/dt" represents the maximum permissible voltage change per unit of time for non-sinusoidal
voltages, expressed in V/
µs.
"k0" represents the maximum permissible pulse characteristic of the waveform applied to the
capacitor, expressed in V2/
µs.
Note:
The values of dV/dt and k0 provided below must not be exceeded in order to avoid damaging the
capacitor.
dV/dt values
S = Stacked, W = Wound
Lead spacing 5 mm
7.5 mm
10 mm
15 mm
22.5 mm 27.5 mm 37.5 mm
Technology
S
S
S
W
S
W
W
W
W
VR
VRMS
V DC
V AC dV/dt in V/
µs
63
40
250
120
50
30
3
1
0.8
100
63
300
150
75
50
5
4
3
1
250
160
400
200
150
100
10
8
5
4
400
200
600
275
175
125
10
8.5
6
450
200
20
630
400
800
20
25
15
12
k0 values
S = Stacked, W = Wound
Lead spacing 5 mm
7.5 mm
10 mm
15 mm
22.5 mm 27.5 mm 37.5 mm
Technology
S
S
S
W
S
W
W
W
W
VR
VRMS
V DC
V AC k0 in V2/
µs
63
40
30000
15000
6300
3800
375
130
100
100
63
60000
30000
15000
10000
850
800
600
200
250
160
200000
100000
75000
50000
5000
4000
2500
2000
400
200
500000
220000 140000
100000
10000
8500
6000
450
200
15000
630
400
1000000
25000
30000
18000
15000
B32520 ... B32529
General purpose (stacked/wound)
Page 22 of 46
Please read Important notes
at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com