Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32504 Datasheet(PDF) 13 Page - EPCOS

Part # B32504
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32504 Datasheet(HTML) 13 Page - EPCOS

Back Button B32504 Datasheet HTML 9Page - EPCOS B32504 Datasheet HTML 10Page - EPCOS B32504 Datasheet HTML 11Page - EPCOS B32504 Datasheet HTML 12Page - EPCOS B32504 Datasheet HTML 13Page - EPCOS B32504 Datasheet HTML 14Page - EPCOS B32504 Datasheet HTML 15Page - EPCOS B32504 Datasheet HTML 16Page - EPCOS B32504 Datasheet HTML 17Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
Ordering codes and packing units (lead spacing 10 mm)
VR
V DC
VRMS
f
≤60 Hz
V AC
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./
MOQ
Untaped
pcs./
MOQ
∇ Wound capacitor technology
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
J =
±5%
289 = Ammo pack
189 = Reel
000 = Untaped (lead length 6
1 mm)
630
200
0.0068
∇ 4.0 × 9.0 × 13.0 B32521N8682+*** 4000
6800
4000
0.010
∇ 4.0 × 9.0 × 13.0 B32521N8103+*** 4000
6800
4000
0.015
∇ 5.0 × 11.0 × 13.0 B32521N8153+*** 3320
5200
4000
0.022
∇ 5.0 × 11.0 × 13.0 B32521N8223+*** 3320
5200
4000
0.033
∇ 6.0 × 12.0 × 13.0 B32521N8333+*** 2720
4400
4000
B32521
General purpose (stacked/wound)
Page 13 of 46
Please read Important notes
at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com