Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP3C40 Datasheet(PDF) 7 Page - Altera Corporation

Part # EP3C40
Description  Cyclone III Device Data Sheet
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3C40 Datasheet(HTML) 7 Page - Altera Corporation

Back Button EP3C40 Datasheet HTML 3Page - Altera Corporation EP3C40 Datasheet HTML 4Page - Altera Corporation EP3C40 Datasheet HTML 5Page - Altera Corporation EP3C40 Datasheet HTML 6Page - Altera Corporation EP3C40 Datasheet HTML 7Page - Altera Corporation EP3C40 Datasheet HTML 8Page - Altera Corporation EP3C40 Datasheet HTML 9Page - Altera Corporation EP3C40 Datasheet HTML 10Page - Altera Corporation EP3C40 Datasheet HTML 11Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Chapter 1: Cyclone III Device Data Sheet
1–7
Electrical Characteristics
© January 2010
Altera Corporation
Cyclone III Device Handbook, Volume 2
Bus Hold
Bus hold retains the last valid logic state after the source driving it either enters the
high impedance state or is removed. Each I/O pin has an option to enable bus hold in
user mode. Bus hold is always disabled in configuration mode.
Table 1–5 lists bus hold specifications for Cyclone III devices.
OCT Specifications
Table 1–6 lists the variation of OCT without calibration across process, temperature,
and voltage.
OCT calibration is automatically performed at device power-up for OCT enabled
I/Os.
Table 1–5. Cyclone III Devices Bus Hold Parameter
(Note 1)
Parameter
Condition
V
CC IO (V)
Unit
1.2
1.5
1.8
2.5
3.0
3.3
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Bus-hold
low,
sustaining
current
V
IN > VIL
(maximum)
8
—
12
—
30
—
50
—
70
—
70
—
μA
Bus-hold
high,
sustaining
current
V
IN < VIL
(minimum)
–8
—
–12
—
–30
—
–50
—
–70
—
–70
—
μA
Bus-hold
low,
overdrive
current
0 V < V
IN < VCC IO
—
125
—
175
—200
—300
—500
—
500
μA
Bus-hold
high,
overdrive
current
0 V < V
IN < VCC IO
—
–125
—
–175
—
–200
—
–300
—
–500
—
–500
μA
Bus-hold trip
point
—
0.3
0.9
0.375
1.125
0.68
1.07
0.7
1.7
0.8
2
0.8
2
V
Note to Table 1–5:
(1) The bus-hold trip points are based on calculated input voltages from the JEDEC standard.
Table 1–6. Cyclone III Devices Series OCT without Calibration Specifications
Description
V
CCIO (V)
Resistance Tolerance
Unit
Commercial
Max
Industrial and Automotive
Max
Series OCT without
calibration
3.0
±30
±40
%
2.5
±30
±40
%
1.8
+40
±50
%
1.5
+50
±50
%
1.2
+50
±50
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com