Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP3C40 Datasheet(PDF) 10 Page - Altera Corporation

Part # EP3C40
Description  Cyclone III Device Data Sheet
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3C40 Datasheet(HTML) 10 Page - Altera Corporation

Back Button EP3C40 Datasheet HTML 6Page - Altera Corporation EP3C40 Datasheet HTML 7Page - Altera Corporation EP3C40 Datasheet HTML 8Page - Altera Corporation EP3C40 Datasheet HTML 9Page - Altera Corporation EP3C40 Datasheet HTML 10Page - Altera Corporation EP3C40 Datasheet HTML 11Page - Altera Corporation EP3C40 Datasheet HTML 12Page - Altera Corporation EP3C40 Datasheet HTML 13Page - Altera Corporation EP3C40 Datasheet HTML 14Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
1–10
Chapter 1: Cyclone III Device Data Sheet
Electrical Characteristics
Cyclone III Device Handbook, Volume 2
© January 2010
Altera Corporation
Internal Weak Pull-Up and Weak Pull-Down Resistor
Table 1–10 lists the weak pull-up and pull-down resistor values for Cyclone III
devices.
Hot Socketing
Table 1–11 lists the hot-socketing specifications for Cyclone III devices.
Schmitt Trigger Input
Cyclone III devices support Schmitt trigger input on TDI, TMS, TCK, nSTATUS,
nCONFIG
, nCE, CONF_DONE, and DCLK pins. A Schmitt trigger feature introduces
hysteresis to the input signal for improved noise immunity, especially for signal with
slow edge rate. Table 1–12 lists the hysteresis specifications across supported V
CCIO
range for Schmitt trigger inputs in Cyclone III devices.
Table 1–10. Cyclone III Devices Internal Weak Pull-Up and Weak Pull-Down Resistor
(Note 1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
R
_P U
Value of I/O pin pull-up resistor before
and during configuration, as well as
user mode if the programmable
pull-up resistor option is enabled
V
CC IO = 3.3 V ± 5% (2), (3)
7
2541k
Ω
V
CC IO = 3.0 V ± 5% (2), (3)
7
2847k
Ω
V
CC IO = 2.5 V ± 5% (2), (3)
8
3561k
Ω
V
CC IO = 1.8 V ± 5% (2), (3)
10
57
108
k
Ω
V
CC IO = 1.5 V ± 5% (2), (3)
13
82
163
k
Ω
V
CC IO = 1.2 V ± 5% (2), (3)
19
143
351
k
Ω
R
_P D
Value of I/O pin pull-down resistor
before and during configuration
V
CC IO = 3.3 V ± 5% (4)
6
1930k
Ω
V
CC IO = 3.0 V ± 5% (4)
6
2236k
Ω
V
CC IO = 2.5 V ± 5% (4)
6
2543k
Ω
V
CC IO = 1.8 V ± 5% (4)
7
3571k
Ω
V
CC IO = 1.5 V ± 5% (4)
850
112
k
Ω
Notes to Table 1–10:
(1) All I/O pins have an option to enable weak pull-up except configuration, test, and JTAG pin. Weak pull-down feature is only available for JTAG
TCK.
(2) Pin pull-up resistance values may be lower if an external source drives the pin higher than VCCIO.
(3) R_PU = (VCCIO –VI)/IR_PU
Minimum condition: –40°C; VCCIO = VCC + 5%, VI = VCC + 5% – 50 mV;
Typical condition: 25°C; VCCIO = VCC, VI = 0 V;
Maximum condition: 125°C; VCCIO = VCC – 5% , VI = 0 V; in which VI refers to the input voltage at the I/O pin.
(4) R_PD = VI/IR_PD
Minimum condition: –40°C; VCCIO = VCC + 5%, VI = 50 mV;
Typical condition: 25°C; VCCIO = VCC, VI = VCC –5% ;
Maximum condition: 125°C; VCCIO = VCC – 5% , VI = VCC – 5% ; in which VI refers to the input voltage at the I/O pin.
Table 1–11. Cyclone III Devices Hot-Socketing Specifications
Symbol
Parameter
Maximum
I
IOPIN(DC )
DC current per I/O pin
300
μA
I
IOPIN(A C)
AC current per I/O pin
8 mA (1)
Note to Table 1–11:
(1) The I/O ramp rate is 10 ns or more. For ramp rates faster than 10 ns, |IIOPIN| = C
dv/dt, in which C is I/O pin capacitance and dv/dt is the slew rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com