Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP3C40 Datasheet(PDF) 13 Page - Altera Corporation

Part # EP3C40
Description  Cyclone III Device Data Sheet
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3C40 Datasheet(HTML) 13 Page - Altera Corporation

Back Button EP3C40 Datasheet HTML 9Page - Altera Corporation EP3C40 Datasheet HTML 10Page - Altera Corporation EP3C40 Datasheet HTML 11Page - Altera Corporation EP3C40 Datasheet HTML 12Page - Altera Corporation EP3C40 Datasheet HTML 13Page - Altera Corporation EP3C40 Datasheet HTML 14Page - Altera Corporation EP3C40 Datasheet HTML 15Page - Altera Corporation EP3C40 Datasheet HTML 16Page - Altera Corporation EP3C40 Datasheet HTML 17Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
Chapter 1: Cyclone III Device Data Sheet
1–13
Electrical Characteristics
© January 2010
Altera Corporation
Cyclone III Device Handbook, Volume 2
Table 1–16. Cyclone III Devices Differential SSTL I/O Standard Specifications
I/O Standard
V
CCIO (V)
V
Swing(D C) (V)
V
X(AC) (V)
V
Sw ing(AC ) (V)
V
OX (AC) (V)
Min
Typ
Max
Min
Max
Min
Typ
Max
Min Max
Min
Typ
Max
SSTL-2
Class I, II
2.375
2.5
2.625 0.36
V
CC IO
V
CC IO /2 – 0.2
—
V
CCIO/2 +
0.2
0.7
V
CC IO
V
CCIO/2 –
0.125
—
V
CC IO /2 +
0.125
SSTL-18
Class I, II
1.7
1.8
1.90
0.25
V
CC IO
V
CC IO/2 –
0.175
—
V
CCIO/2 +
0.175
0.5
V
CC IO
V
CCIO/2 –
0.125
—
V
CC IO /2 +
0.125
Table 1–17. Cyclone III Devices Differential HSTL I/O Standard Specifications
I/O Standard
V
CC IO (V)
V
DIF(DC) (V)
V
X(A C) (V)
V
CM (D C) (V)
V
DIF(AC) (V)
Min
Typ
Max
Min
Max
Min
Typ
Max
Min
Typ
Max
Mi
n
Max
HSTL-18
Class I, II
1.71
1.8
1.89
0.2
—
0.85
—
0.95
0.85
—
0.95
0.4
—
HSTL-15
Class I, II
1.425
1.5
1.575
0.2
—
0.71
—
0.79
0.71
—
0.79
0.4
—
HSTL-12
Class I, II
1.14
1.2
1.26
0.16
V
CCIO
0.48 * V
CC IO
—
0.52 *
V
CC IO
0.48 *
V
CCIO
—
0.52 *
V
CCIO
0.3
0.48 *
V
CCIO
Table 1–18. Cyclone III Devices Differential I/O Standard Specifications (Note 1)
(Part 1 of 2)
I/O
Standard
V
CCIO (V)
V
ID (mV)
V
IcM (V) (2)
V
OD (mV) (3)
V
OS (V) (3)
Min
Typ
Max
Min
Max
Min
Condition
Max
Min
Typ
Max
Min
Typ
Max
LVPECL
(Row I/Os)
(4)
2.375
2.5
2.625
100
—
0.05
D
MAX
≤500 Mbps
1.80
—
—
—
———
0.55
500 Mbps
≤D
MAX
≤
700 Mbps
1.80
1.05
D
MAX > 700 Mbps
1.55
LVPECL
(Column
I/Os) (4)
2.375
2.5
2.625
100
—
0.05
D
MAX
≤ 500 Mbps
1.80
—
—
—
———
0.55
500 Mbps
≤D
MAX
≤
700 Mbps
1.80
1.05
D
MAX > 700 Mbps
1.55
LVDS (Row
I/Os)
2.375
2.5
2.625
100
—
0.05
D
MAX
≤500 Mbps
1.80
247
—
600
1.125 1.25 1.375
0.55
500 Mbps
≤D
MAX
≤
700 Mbps
1.80
1.05
D
MAX > 700 Mbps
1.55
LVDS
(Column
I/Os)
2.375
2.5
2.625
100
—
0.05
D
MAX
≤ 500 Mbps
1.80
247
—
600
1.125 1.25 1.375
0.55
500 Mbps
≤D
MAX
≤
700 Mbps
1.80
1.05
D
MAX > 700 Mbps
1.55
BLVDS
(Row I/Os)
(5)
2.375
2.5
2.625
100
—
—
—
—
—
—
—
—
—
—
BLVDS
(Column
I/Os) (5)
2.375
2.5
2.625
100
—
—
—
—
—
—
—
—
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com