Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3445MM Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3445MM
Description  Triac Dimmable Offline LED Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3445MM Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM3445MM Datasheet HTML 17Page - National Semiconductor (TI) LM3445MM Datasheet HTML 18Page - National Semiconductor (TI) LM3445MM Datasheet HTML 19Page - National Semiconductor (TI) LM3445MM Datasheet HTML 20Page - National Semiconductor (TI) LM3445MM Datasheet HTML 21Page - National Semiconductor (TI) LM3445MM Datasheet HTML 22Page - National Semiconductor (TI) LM3445MM Datasheet HTML 23Page - National Semiconductor (TI) LM3445MM Datasheet HTML 24Page - National Semiconductor (TI) LM3445MM Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
capacitors are delivering power to the buck converter. When
the triac is firing at 135° the current through the LED string will
be small. Therefore the droop should be small at this point
and a 5% voltage droop should be a sufficient derating. With
this derating, the lowest voltage the buck converter will see is
about 42.5V in this example.
30060355
FIGURE 21. AC Line with Various Firing Angles
30060356
FIGURE 22. V
BUCK Waveforms with Various Firing Angles
To determine how many LEDs can be driven, take the mini-
mum voltage the buck converter will see (42.5V) and divide it
by the worst case forward voltage drop of a single LED.
Example: 42.5V/3.7V = 11.5 LEDs (11 LEDs with margin)
OUTPUT CAPACITOR
A capacitor placed in parallel with the LED or array of LEDs
can be used to reduce the LED current ripple while keeping
the same average current through both the inductor and the
LED array. With a buck topology the output inductance (L2)
can now be lowered, making the magnetics smaller and less
expensive. With a well designed converter, you can assume
that all of the ripple will be seen by the capacitor, and not the
LEDs. One must ensure that the capacitor you choose can
handle
the
RMS
current
of
the
inductor.
Refer
to
manufacture’s datasheets to ensure compliance. Usually an
X5R or X7R capacitor between 1 µF and 10 µF of the proper
voltage rating will be sufficient.
SWITCHING MOSFET
The main switching MOSFET should be chosen with efficien-
cy and robustness in mind. The maximum voltage across the
switching MOSFET will equal:
The average current rating should be greater than:
I
DS-MAX = ILED(-AVE)(DMAX)
RE-CIRCULATING DIODE
The LM3445 Buck converter requires a re-circulating diode
D10 (see the Typical Application circuit figure 4) to carry the
inductor current during the MOSFET Q2 off-time. The most
efficient choice for D10 is a diode with a low forward drop and
near-zero reverse recovery time that can withstand a reverse
voltage of the maximum voltage seen at V
BUCK. For a common
110V
AC ± 20% line, the reverse voltage could be as high as
190V.
The current rating must be at least:
I
D = 1 - (DMIN) x ILED(AVE)
Or:
21
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com