Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3445MM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3445MM
Description  Triac Dimmable Offline LED Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3445MM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM3445MM Datasheet HTML 1Page - National Semiconductor (TI) LM3445MM Datasheet HTML 2Page - National Semiconductor (TI) LM3445MM Datasheet HTML 3Page - National Semiconductor (TI) LM3445MM Datasheet HTML 4Page - National Semiconductor (TI) LM3445MM Datasheet HTML 5Page - National Semiconductor (TI) LM3445MM Datasheet HTML 6Page - National Semiconductor (TI) LM3445MM Datasheet HTML 7Page - National Semiconductor (TI) LM3445MM Datasheet HTML 8Page - National Semiconductor (TI) LM3445MM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
BLDR to GND
-0.3V to +17V
V
CC, GATE, FLTR1 to GND
-0.3V to +14V
ISNS to GND
-0.3V to +2.5V
ASNS, DIM, FLTR2, COFF to
GND
-0.3V to +7.0V
COFF Input Current
100mA
Continuous Power Dissipation
(Note 2)
Internally Limited
ESD Susceptibility
HBM (Note 3)
2 kV
Junction Temperature (T
J-MAX)
150°C
Storage Temperature Range
-65°C to +150°C
Maximum Lead Temp.
Range (Soldering)
260°C
Operating Conditions
V
CC
8.0V to 12V
Junction Temperature
−40°C to +125°C
Electrical Characteristics Limits in standard type face are for T
J = 25°C and those with boldface type apply
over the full Operating Temperature Range ( T
J = −40°C to +125°C). Minimum and Maximum limits are guaranteed through test,
design, or statistical correlation. Typical values represent the most likely parametric norm at T
J = +25ºC, and are provided for
reference purposes only.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
BLEEDER
R
BLDR
Bleeder resistance to GND
I
BLDR = 10mA
230
325
V
CC SUPPLY
I
VCC
Operating supply current
2.00
2.85
mA
V
CC-UVLO
Rising threshold
7.4
7.7
V
Falling threshold
6.0
6.4
Hysterisis
1
COFF
V
COFF
Time out threshold
1.225 1.276
1.327
V
R
COFF
Off timer sinking impedance
33
60
t
COFF
Restart timer
180
µs
CURRENT LIMIT
V
ISNS
ISNS limit threshold
1.174 1.269
1.364
V
t
ISNS
Leading edge blanking time
125
ns
Current limit reset delay
180
µs
ISNS limit to GATE delay
ISNS = 0 to 1.75V step
33
ns
INTERNAL PWM RAMP
f
RAMP
Frequency
5.85
kHz
V
RAMP
Valley voltage
0.96
1.00
1.04
V
Peak voltage
2.85
3.00
3.08
D
RAMP
Maximum duty cycle
96.5
98.0
%
DIM DECODER
t
ANG_DET
Angle detect rising threshold
Observed on BLDR pin
6.79
7.21
7.81
V
V
ASNS
ASNS filter delay
4
µs
ASNS VMAX
3.85
4.00
4.15
V
I
ASNS
ASNS drive capability sink
V
ASNS = 2V
7.6
mA
ASNS drive capability source
V
ASNS = 2V
-4.3
DIM low sink current
V
DIM = 1V
1.65
2.80
DIM High source current
V
DIM = 4V
-4.00
-3.00
V
DIM
DIM low voltage
PWM input voltage
threshold
0.9
1.33
V
DIM high voltage
2.33
3.15
V
TSTH
Tri-state threshold voltage
Apply to FLTR1 pin
4.87
5.25
V
R
DIM
DIM comparator tri-state impedance
10
M
3
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com