Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3445MM Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3445MM
Description  Triac Dimmable Offline LED Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3445MM Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM3445MM Datasheet HTML 1Page - National Semiconductor (TI) LM3445MM Datasheet HTML 2Page - National Semiconductor (TI) LM3445MM Datasheet HTML 3Page - National Semiconductor (TI) LM3445MM Datasheet HTML 4Page - National Semiconductor (TI) LM3445MM Datasheet HTML 5Page - National Semiconductor (TI) LM3445MM Datasheet HTML 6Page - National Semiconductor (TI) LM3445MM Datasheet HTML 7Page - National Semiconductor (TI) LM3445MM Datasheet HTML 8Page - National Semiconductor (TI) LM3445MM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CURRENT SENSE COMPARATOR
V
FLTR2
FLTR2 open circuit voltage
720
750
780
mV
R
FLTR2
FLTR2 impedance
420
k
V
OS
Current sense comparator offset voltage
-4.0
0.1
4.0
mV
GATE DRIVE OUTPUT
V
DRVH
GATE high saturation
I
GATE = 50 mA
0.24
0.50
V
V
DRVL
GATE low saturation
I
GATE = 100 mA
0.22
0.50
I
DRV
Peak souce current
GATE = V
CC/2
-0.77
A
Peak sink current
GATE = V
CC/2
0.88
t
DV
Rise time
C
load = 1 nF
15
ns
Fall time
C
load = 1 nF
15
THERMAL SHUTDOWN
T
SD
Thermal shutdown temperature
(Note 4)
165
°C
Thermal shutdown hysteresis
20
THERMAL SHUTDOWN
RθJA
MSOP-10 junction to ambient
121
°C/W
Note 1: Absolute maximum ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions for which the device is intended
to be functional, but device parameter specifications may not be guaranteed. For guaranteed specifications and test conditions, see the Electrical Characteristics.
All voltages are with respect to the potential at the GND pin, unless otherwise specified.
Note 2: Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at T
J = 165°C (typ.) and disengages at TJ
= 145°C (typ).
Note 3: Human Body Model, applicable std. JESD22-A114-C.
Note 4: Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power dissipation exists,
special care must be paid to thermal dissipation issues in board design. In applications where high power dissipation and/or poor package thermal resistance is
present, the maximum ambient temperature may have to be derated. Maximum ambient temperature (T
A-MAX) is dependent on the maximum operating junction
temperature (T
J-MAX-OP = 125°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the
part/package in the application (RθJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (RθJA × PD-MAX).
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com