Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CU4032K130G2 Datasheet(PDF) 13 Page - EPCOS

Part # CU4032K130G2
Description  Ceramic transient voltage suppressors SMD disk varistors standard series
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CU4032K130G2 Datasheet(HTML) 13 Page - EPCOS

Back Button CU4032K130G2 Datasheet HTML 9Page - EPCOS CU4032K130G2 Datasheet HTML 10Page - EPCOS CU4032K130G2 Datasheet HTML 11Page - EPCOS CU4032K130G2 Datasheet HTML 12Page - EPCOS CU4032K130G2 Datasheet HTML 13Page - EPCOS CU4032K130G2 Datasheet HTML 14Page - EPCOS CU4032K130G2 Datasheet HTML 15Page - EPCOS CU4032K130G2 Datasheet HTML 16Page - EPCOS CU4032K130G2 Datasheet HTML 17Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
Taping and packing
1
Taping and packing for SMD components
1.1
Blister tape (the taping to IEC 60286-3)
Dimensions in mm
8-mm tape
12-mm tape
16-mm tape
Case size (inch/mm)
Case size
(inch/mm)
Case size
(inch/mm)
Tolerance
0508/
1220
0612/
1632
1012/
2532
0603/
1608
0506/
1216
0805/
2012
1206/
3216
1210/
3225
1812/
4532
2220/
5750
3225
4032
A0
0.9
±0.10
1.50
1.60
1.90
2.80
3.50
5.10
7.00
8.60
±0.20
B0
1.75
±0.10
1.80
2.40
3.50
3.50
4.80
6.00
8.70
10.60
±0.20
K0
1.0
0.80
1.80
2.60
5.00
max.
T
0.30
0.30
0.30
max.
T2
1.3
1.20
2.50
3.50
5.50
max.
D0
1.50
1.50
1.50
+0.10/ 0
D1
1.00
1.50
1.50
min.
P0
4.00
4.00
4.00
±0.101)
P2
2.00
2.00
2.00
±0.05
P1
4.00
8.00
12.00
±0.10
W
8.00
12.00
16.00
±0.30
E
1.75
1.75
1.75
±0.10
F
3.50
5.50
7.50
±0.05
G
0.75
0.75
0.75
min.
1)
≤±0.2 mm over 10 sprocket holes.
SMD disk varistors (CU varistors)
Standard series
Page 13 of 33
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com