Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CU4032K130G2 Datasheet(PDF) 21 Page - EPCOS

Part # CU4032K130G2
Description  Ceramic transient voltage suppressors SMD disk varistors standard series
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CU4032K130G2 Datasheet(HTML) 21 Page - EPCOS

Back Button CU4032K130G2 Datasheet HTML 17Page - EPCOS CU4032K130G2 Datasheet HTML 18Page - EPCOS CU4032K130G2 Datasheet HTML 19Page - EPCOS CU4032K130G2 Datasheet HTML 20Page - EPCOS CU4032K130G2 Datasheet HTML 21Page - EPCOS CU4032K130G2 Datasheet HTML 22Page - EPCOS CU4032K130G2 Datasheet HTML 23Page - EPCOS CU4032K130G2 Datasheet HTML 24Page - EPCOS CU4032K130G2 Datasheet HTML 25Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
3
Recommended soldering methods - type-specific releases by EPCOS
3.1
Overview
Reflow soldering
Wave soldering
Type
Case size
SnPb
Lead-free
SnPb
Lead-free
CT... / CD...
0201/ 0402
Approved
Approved
No
No
CT... / CD...
0603 ... 2220
Approved
Approved
Approved
Approved
CN...
0603 ... 2220
Approved
No
Approved
No
Arrays
0405 ... 1012
Approved
Approved
No
No
ESD/EMI filters 0405, 0508
Approved
Approved
No
No
CU
3225, 4032
Approved
Approved
Approved
Approved
SHCV
-
No
No
Approved
Approved
3.2
Nickel barrier terminated multilayer CTVS
All EPCOS MLVs with nickel barrier termination are suitable and fully qualiyfied for lead-free sol-
dering. The nickel barrier layer is 100% matte tin-plated.
3.3
Silver-palladium terminated MLVs
AgPd-terminated MLVs are mainly designed for conductive adhesion technology on hybrid materi-
al. Additionally MLVs with AgPd termination are suitable for reflow and wave soldering with SnPb
solder.
Note:
Lead-free soldering is not approved for MLVs with AgPd termination.
3.4
Tinned copper alloy
All EPCOS CU types with tinned termination are approved for lead-free and SnPb soldering.
3.5
Tinned iron wire
All EPCOS SHCV types with tinned termination are approved for lead-free and SnPb soldering.
4
Solder joint profiles / solder quantity
4.1
Nickel barrier termination
If the meniscus height is too low, that means the solder quantity is too low, the solder joint may
break, i.e. the component becomes detached from the joint. This problem is sometimes interpret-
ed as leaching of the external terminations.
SMD disk varistors (CU varistors)
Standard series
Page 21 of 33
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com