Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CU4032K130G2 Datasheet(PDF) 6 Page - EPCOS

Part # CU4032K130G2
Description  Ceramic transient voltage suppressors SMD disk varistors standard series
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CU4032K130G2 Datasheet(HTML) 6 Page - EPCOS

Back Button CU4032K130G2 Datasheet HTML 2Page - EPCOS CU4032K130G2 Datasheet HTML 3Page - EPCOS CU4032K130G2 Datasheet HTML 4Page - EPCOS CU4032K130G2 Datasheet HTML 5Page - EPCOS CU4032K130G2 Datasheet HTML 6Page - EPCOS CU4032K130G2 Datasheet HTML 7Page - EPCOS CU4032K130G2 Datasheet HTML 8Page - EPCOS CU4032K130G2 Datasheet HTML 9Page - EPCOS CU4032K130G2 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Electrical specifications and ordering codes
Maximum ratings (Top,max = 85
°C)
Type
Ordering code
VRMS,max
V
VDC,max
V
Isurge,max
(8/20 µs)
A
Wmax
(2 ms)
mJ
Pdiss,max
mW
CU3225K230G2
B72650M0231K072
230
300
400
7200 100
CU4032K230G2
B72660M0231K072
230
300
1200
17000 250
CU3225K250G2
B72650M0251K072
250
320
400
8200 100
CU4032K250G2
B72660M0251K072
250
320
1200
19000 250
CU3225K275G2
B72650M0271K072
275
350
400
8600 100
CU4032K275G2
B72660M0271K072
275
350
1200
21000 250
CU3225K300G2
B72650M0301K072
300
385
400
9600 100
CU4032K300G2
B72660M0301K072
300
385
1200
23000 250
Characteristics (TA = 25
°C)
Type
VV
(1 mA)
V
∆V
V
%
Vclamp,max
V
Iclamp
(8/20 µs)
A
Ctyp
(1 kHz, 1 V)
pF
CU3225K230G2
360
±10
595
5
60
CU4032K230G2
360
±10
595
10
115
CU3225K250G2
390
±10
650
5
55
CU4032K250G2
390
±10
650
10
105
CU3225K275G2
430
±10
710
5
50
CU4032K275G2
430
±10
710
10
95
CU3225K300G2
470
±10
775
5
45
CU4032K300G2
470
±10
775
10
90
SMD disk varistors (CU varistors)
Standard series
Page 6 of 33
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com