Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48822 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM48822
Description  Ground-Referenced, Ultra High PSRR, Ultra Low Noise, 35mW/Channel Stereo Headphone Amplifier with CommonMode Sense, and I2C Volume Control
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM48822 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM48822 Datasheet HTML 5Page - National Semiconductor (TI) LM48822 Datasheet HTML 6Page - National Semiconductor (TI) LM48822 Datasheet HTML 7Page - National Semiconductor (TI) LM48822 Datasheet HTML 8Page - National Semiconductor (TI) LM48822 Datasheet HTML 9Page - National Semiconductor (TI) LM48822 Datasheet HTML 10Page - National Semiconductor (TI) LM48822 Datasheet HTML 11Page - National Semiconductor (TI) LM48822 Datasheet HTML 12Page - National Semiconductor (TI) LM48822 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Application Information
I2C COMPATIBLE INTERFACE
The LM48822 is controlled through an I2C compatible serial
interface that consists of a serial data line (SDA) and a serial
clock (SCL). The clock line is uni-directional. The data line is
bi-directional (open collector). The LM48822 and the master
can communicate at clock rates up to 400kHz. Figure 2 shows
the I2C interface timing diagram. Data on the SDA line must
be stable during the HIGH period of SCL. The LM48822 is a
transmit/receive slave-only device, reliant upon the master to
generate the SCL signal. Each transmission sequence is
framed by a START condition and a STOP condition (Figure
3). Each data word, device address and data, transmitted
over the bus is 8 bits long as is always followed by an ac-
knowledge pulse (Figure 4). The LM48822 device address is
1100000.
I
2C BUS FORMAT
The I2C bus format is shown in Figure 4. The START signal,
the transition of SDA from HIGH to LOW while SDA is HIGH,
is generated, altering all devices on the bus that a device ad-
dress is being written to the bus.
The 7-bit device address is written to the bus, most significant
bit (MSB) first, followed by the R/W bit. R/W = 0 indicates the
master is writing to the slave device, R/W = 1 indicates the
master wants to read data from the slave device. The
LM48822 is a WRITE-ONLY device and will not respond the
R/W = 1. The data is latched in on the rising edge of the clock.
Each address bit must be stable while SDA is HIGH. After the
last address bit is transmitted, the master device releases
SDA, during which time, an acknowledge clock pulse is gen-
erated by the slave device. If the LM48822 receives the
correct address, the device pulls the SDA line low, generating
and acknowledge bit (ACK).
Once the master device registers the ACK bit, the 8-bit reg-
ister data word is sent. Each data bit should be stable while
SCL is HIGH. After the 8-bit register data word is sent, the
LM48822 sends another ACK bit. Following the acknowl-
edgement of the register data word, the master issues a
STOP bit, allowing SDA to go high while SDA is high.
30061001
FIGURE 2. I2C Timing Diagram
30061002
FIGURE 3. Start and Stop Diagram
30061014
FIGURE 4. Example I2C Write Cycle
9
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com