Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48822 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM48822
Description  Ground-Referenced, Ultra High PSRR, Ultra Low Noise, 35mW/Channel Stereo Headphone Amplifier with CommonMode Sense, and I2C Volume Control
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM48822 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM48822 Datasheet HTML 9Page - National Semiconductor (TI) LM48822 Datasheet HTML 10Page - National Semiconductor (TI) LM48822 Datasheet HTML 11Page - National Semiconductor (TI) LM48822 Datasheet HTML 12Page - National Semiconductor (TI) LM48822 Datasheet HTML 13Page - National Semiconductor (TI) LM48822 Datasheet HTML 14Page - National Semiconductor (TI) LM48822 Datasheet HTML 15Page - National Semiconductor (TI) LM48822 Datasheet HTML 16Page - National Semiconductor (TI) LM48822 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
VOLUME STEP
VOL5
VOL4
VOL3
VOL2
VOL1
VOL0
HP GAIN (dB)
48
1
0
1
1
1
1
–4
49
1
1
0
0
0
0
–3.5
50
1
1
0
0
0
1
–3
51
1
1
0
0
1
0
–2.5
52
1
1
0
0
1
1
–2
53
1
1
0
1
0
0
–1.5
54
1
1
0
1
0
1
–1
55
1
1
0
1
1
0
–0.5
56
1
1
0
1
1
1
0
57
1
1
1
0
0
0
0.5
58
1
1
1
0
0
1
1
59
1
1
1
0
1
0
1.5
60
1
1
1
0
1
1
2
61
1
1
1
1
0
0
2.5
62
1
1
1
1
0
1
3
63
1
1
1
1
1
0
3.5
64
1
1
1
1
1
1
4
13
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com