Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48822 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM48822
Description  Ground-Referenced, Ultra High PSRR, Ultra Low Noise, 35mW/Channel Stereo Headphone Amplifier with CommonMode Sense, and I2C Volume Control
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM48822 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM48822 Datasheet HTML 8Page - National Semiconductor (TI) LM48822 Datasheet HTML 9Page - National Semiconductor (TI) LM48822 Datasheet HTML 10Page - National Semiconductor (TI) LM48822 Datasheet HTML 11Page - National Semiconductor (TI) LM48822 Datasheet HTML 12Page - National Semiconductor (TI) LM48822 Datasheet HTML 13Page - National Semiconductor (TI) LM48822 Datasheet HTML 14Page - National Semiconductor (TI) LM48822 Datasheet HTML 15Page - National Semiconductor (TI) LM48822 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
VOLUME CONTROL
Volume Control Table
VOLUME STEP
VOL5
VOL4
VOL3
VOL2
VOL1
VOL0
HP GAIN (dB)
1
0
0
0
0
0
0
–96
2
0
0
0
0
0
1
–60
3
0
0
0
0
1
0
–57
4
0
0
0
0
1
1
–54
5
0
0
0
1
0
0
–51
6
0
0
0
1
0
1
–48
7
0
0
0
1
1
0
–45
8
0
0
0
1
1
1
–42
9
0
0
1
0
0
0
–39
10
0
0
1
0
0
1
–36
11
0
0
1
0
1
0
–34.5
12
0
0
1
0
1
1
–33
13
0
0
1
1
0
0
–31.5
14
0
0
1
1
0
1
–30
15
0
0
1
1
1
0
–28.5
16
0
0
1
1
1
1
–27
17
0
1
0
0
0
0
–25.5
18
0
1
0
0
0
1
–24
19
0
1
0
0
1
0
–22.5
20
0
1
0
0
1
1
–21
21
0
1
0
1
0
0
–19.5
22
0
1
0
1
0
1
–18
23
0
1
0
1
1
0
–16.5
24
0
1
0
1
1
1
–16
25
0
1
1
0
0
0
–15.5
26
0
1
1
0
0
1
–15
27
0
1
1
0
1
0
–14.5
28
0
1
1
0
1
1
–14
29
0
1
1
1
0
0
–13.5
30
0
1
1
1
0
1
–13
31
0
1
1
1
1
0
–12.5
32
0
1
1
1
1
1
–12
33
1
0
0
0
0
0
–11.5
34
1
0
0
0
0
1
–11
35
1
0
0
0
1
0
–10.5
36
1
0
0
0
1
1
–10
37
1
0
0
1
0
0
–9.5
38
1
0
0
1
0
1
–9
39
1
0
0
1
1
0
–8.5
40
1
0
0
1
1
1
–8
41
1
0
1
0
0
0
–7.5
42
1
0
1
0
0
1
–7
43
1
0
1
0
1
0
–6.5
44
1
0
1
0
1
1
–6
45
1
0
1
1
0
0
–5.5
46
1
0
1
1
0
1
–5
47
1
0
1
1
1
0
–4.5
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com