Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035ASQ Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5035ASQ
Description  PWM Controller with Integrated Half-Bridge and SyncFET PWM Controller with Integrated Half-Bridge and SyncFET
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5035ASQ Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM5035ASQ Datasheet HTML 15Page - National Semiconductor (TI) LM5035ASQ Datasheet HTML 16Page - National Semiconductor (TI) LM5035ASQ Datasheet HTML 17Page - National Semiconductor (TI) LM5035ASQ Datasheet HTML 18Page - National Semiconductor (TI) LM5035ASQ Datasheet HTML 19Page - National Semiconductor (TI) LM5035ASQ Datasheet HTML 20Page - National Semiconductor (TI) LM5035ASQ Datasheet HTML 21Page - National Semiconductor (TI) LM5035ASQ Datasheet HTML 22Page - National Semiconductor (TI) LM5035ASQ Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
Applications Information
The following information is intended to provide guidelines for
the power supply designer using the LM5035A.
VIN
The voltage applied to the VIN pin, which may be the same
as the system voltage applied to the power transformer’s pri-
mary (V
PWR), can vary in the range of 13 to 105V. The current
into VIN depends primarily on the gate charge provided to the
output drivers, the switching frequency, and any external
loads on the VCC and REF pins. It is recommended the filter
shown in Figure 6 be used to suppress transients which may
occur at the input supply. This is particularly important when
VIN is operated close to the maximum operating rating of the
LM5035A.
When power is applied to VIN and the UVLO pin voltage is
greater than 0.4V, the VCC regulator is enabled and supplies
current into an external capacitor connected to the VCC pin.
When the voltage on the VCC pin reaches the regulation point
of 7.6V, the voltage reference (REF) is enabled. The refer-
ence regulation set point is 5V. The HO, LO, SR1 and SR2
outputs are enabled when the two bias regulators reach their
set point and the UVLO pin potential is greater than 1.25V. In
typical applications, an auxiliary transformer winding is con-
nected through a diode to the VCC pin. This winding must
raise the VCC voltage above 8.3V to shut off the internal start-
up regulator.
After the outputs are enabled and the external VCC supply
voltage has begun supplying power to the IC, the current into
VIN drops below 1 mA. VIN should remain at a voltage equal
to or above the VCC voltage to avoid reverse current through
protection diodes.
30034122
FIGURE 6. Input Transient Protection
FOR APPLICATIONS >100V
For applications where the system input voltage exceeds
100V or the IC power dissipation is of concern, the LM5035A
can be powered from an external start-up regulator as shown
in Figure 7. In this configuration, the VIN and the VCC pins
should be connected together, which allows the LM5035A to
be operated below 13V. The voltage at the VCC pin must be
greater than 8.3V yet not exceed 15V. An auxiliary winding
can be used to reduce the power dissipation in the external
regulator once the power converter is active. The NPN base-
emitter reverse breakdown voltage, which can be as low as
5V for some transistors, should be considered when selecting
the transistor.
CURRENT SENSE
The CS pin needs to receive an input signal representative of
the transformer’s primary current, either from a current sense
transformer or from a resistor in series with the source of the
LO switch, as shown in Figure 8 and Figure 9. In both cases,
the sensed current creates a ramping voltage across R1, and
the R
F/CF filter suppresses noise and transients. R1, RF and
C
F should be located as close to the LM5035A as possible,
and the ground connection from the current sense trans-
former, or R1, should be a dedicated track to the AGND pin.
The current sense components must provide greater than
0.25V at the CS pin when an over-current condition exists.
30034123
FIGURE 7. Start-up Regulator for V
PWR >100V
30034124
FIGURE 8. Current Sense Using Current Sense Transformer
19
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com