Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035ASQ Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5035ASQ
Description  PWM Controller with Integrated Half-Bridge and SyncFET PWM Controller with Integrated Half-Bridge and SyncFET
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5035ASQ Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button LM5035ASQ Datasheet HTML 19Page - National Semiconductor (TI) LM5035ASQ Datasheet HTML 20Page - National Semiconductor (TI) LM5035ASQ Datasheet HTML 21Page - National Semiconductor (TI) LM5035ASQ Datasheet HTML 22Page - National Semiconductor (TI) LM5035ASQ Datasheet HTML 23Page - National Semiconductor (TI) LM5035ASQ Datasheet HTML 24Page - National Semiconductor (TI) LM5035ASQ Datasheet HTML 25Page - National Semiconductor (TI) LM5035ASQ Datasheet HTML 26Page - National Semiconductor (TI) LM5035ASQ Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
30034136
FIGURE 13. Remote Standby and Disable Control
To maintain the threshold’s accuracy, a resistor tolerance of
1% or better is recommended.
The design process starts with the choice of the voltage dif-
ference between the UVLO enabling and disabling thresh-
olds. This will also approximately set the difference between
OVP enabling and disabling regulation:
Next, the combined resistance of R
2 and R3 is calculated by
choosing the threshold for the UVLO disabling threshold:
Then R
3 is determined by selecting the OVP disabling thresh-
old:
Finally, R
3 is subtracted from RCOMBINED to give R2:
R
2 = RCOMBINED - R3
Remote configuration of the controller’s operational modes
can be accomplished with open drain device(s) connected to
the UVLO pin as shown in Figure 13.
FAULT PROTECTION
The Over Voltage Protection (OVP) comparator of the
LM5035A can be configured for line or load fault protection or
thermal protection using an external temperature sensor or
thermistor. Figure 11 shows a line over voltage shutdown ap-
plication using a voltage divider between the input power
supply, V
PWR, and AGND to monitor the line voltage.
Figure 14 demonstrates the use of the OVP pin for latched
output over-voltage fault protection, using a zener and opto-
coupler. When V
OUT exceeds the conduction threshold of the
opto-coupler diode and zener, the opto-coupler momentarily
turns on Q1 and the LM5035A enters standby mode, disabling
the drivers and enabling the hysteresis current source on the
OVP pin. Once the current source is enabled, the OVP volt-
age will remain at 2.3V (23 µA x 100 k
Ω) without additional
drive from the external circuit. If the opto-coupler transistor
emitter were directly connected to the OVP pin, then leakage
current in the zener diode amplified by the opto-coupler’s gain
could falsely trip the protection latch. R1 and Q1 are added
reduce the sensitivity to low level currents in the opto-coupler.
Using the values of Figure 14, the opto-coupler collector cur-
rent must equal V
BE(Q1) / R1 = 350 µA before OVP latches.
Once the controller has switched to standby mode, the out-
puts no longer switch but the VCC and REF regulators con-
tinue functioning and supply bias to the external circuitry. VCC
must fall below 6.2V or the UVLO pin must fall below 0.4V to
clear the OVP latch.
23
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com