Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035ASQ Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5035ASQ
Description  PWM Controller with Integrated Half-Bridge and SyncFET PWM Controller with Integrated Half-Bridge and SyncFET
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5035ASQ Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM5035ASQ Datasheet HTML 1Page - National Semiconductor (TI) LM5035ASQ Datasheet HTML 2Page - National Semiconductor (TI) LM5035ASQ Datasheet HTML 3Page - National Semiconductor (TI) LM5035ASQ Datasheet HTML 4Page - National Semiconductor (TI) LM5035ASQ Datasheet HTML 5Page - National Semiconductor (TI) LM5035ASQ Datasheet HTML 6Page - National Semiconductor (TI) LM5035ASQ Datasheet HTML 7Page - National Semiconductor (TI) LM5035ASQ Datasheet HTML 8Page - National Semiconductor (TI) LM5035ASQ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
TSSOP 20 PIN
LM5035A
LLP PIN
LM5035A
TSSOP 28 PIN
LM5035A-1
Name
Description
Application Information
5
4
9
RT
Oscillator Frequency
Control and Sync Clock
Input
Normally biased at 2V. An external
resistor connected between RT
and AGND sets the internal
oscillator frequency. The internal
oscillator can be synchronized to
an external clock with a frequency
higher than the free running
frequency set by the RT resistor.
6
5
10
AGND
Analog Ground
Connect directly to Power Ground.
7
6
11
CS
Current Sense input for
current limit
If CS exceeds 0.25V, the output
pulse will be terminated, entering
cycle-by-cycle current limit. An
internal switch holds CS low for
50ns after HO or LO switches high
to blank leading edge transients.
8
7
12
SS
Soft-start Input
An internal 110µA current source
charges an external capacitor to
set the soft-start rate. During a
current limit restart sequence, the
internal current source is reduced
to 1.2µA to increase the delay
before retry.
9
8
13
DLY
Timing programming pin
for the LO and HO to SR1
and SR2 outputs.
An external resistor to ground sets
the timing for the non-overlap time
of HO to SR1 and LO to SR2.
10
9
14
RES
Restart Timer
If cycle-by-cycle current limit is
exceeded during any cycle, a 22 µA
current is sourced to the RES pin
capacitor.If the RES capacitor
voltage reaches 2.5V, the soft-start
capacitor will be fully discharged
and then released with a pull-up
current of 1.2µA. After the first
output pulse at LO (when SS
>COMP offset, typically 1V), the SS
pin charging current will revert to
110µA.
11
11
15
HB
Boost voltage for the HO
driver
An external diode is required from
VCC to HB and an external
capacitor is required from HS to HB
to power the HO gate driver.
12
12
16
HS
Switch node
Connection common to the
transformer and both power
switches. Provides a return path for
the HO gate driver.
13
13
17
HO
High side gate drive
output.
Output of the high side PWM gate
driver. Capable of sinking 2A peak
current
14
14
19
LO
Low side gate dfrive
output.
Output of the low side PWM gate
driver. Capable of sinking 2A peak
current.
15
15
20
PGND
Power Ground
Connect directly to Analog Ground.
5
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com