Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2966EP Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2966EP
Description  Enhanced Plastic Dual 150mA Ultra Low-Dropout Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2966EP Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP2966EP Datasheet HTML 1Page - National Semiconductor (TI) LP2966EP Datasheet HTML 2Page - National Semiconductor (TI) LP2966EP Datasheet HTML 3Page - National Semiconductor (TI) LP2966EP Datasheet HTML 4Page - National Semiconductor (TI) LP2966EP Datasheet HTML 5Page - National Semiconductor (TI) LP2966EP Datasheet HTML 6Page - National Semiconductor (TI) LP2966EP Datasheet HTML 7Page - National Semiconductor (TI) LP2966EP Datasheet HTML 8Page - National Semiconductor (TI) LP2966EP Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Absolute Maximum Ratings (Note 4)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Storage Temperature Range
−65 to +150˚C
Lead Temp. (Soldering, 5 sec.)
260˚C
Power Dissipation (Note 5)
Internally Limited
ESD Rating (Note 6)
2kV
Input Supply Voltage (Survival)
−0.3V to 7.5V
Shutdown Input Voltage (Survival)
−0.3V to (Vin + 0.3V)
Maximum Voltage for ERROR Pins
10V
I
OUT (Survival)
Short Circuit Protected
Output Voltage (Survival)(Note 9),
(Note 10)
−0.3V to (Vin + 0.3V)
Operating Ratings (Note 4)
Input Supply Voltage
2.7V to 7.0V
Shutdown Input Voltage
−0.3V to (Vin + 0.3V)
Operating Junction
Temperature Range
−40˚C to +125˚C
Maximum Voltage for ERROR
pins
10V
Electrical Characteristics
Limits in standard typeface are for T
j = 25˚C, and limits in boldface type apply over the full operating junction temperature
range. Unless otherwise specified, V
IN =VO(NOM) + 1V, (Note 19), COUT = 1µF, IOUT = 1mA, CIN = 1µF, VSD1 =VSD2 =VIN.
Symbol
Parameter
Conditions
Typ (Note
7)
LP2966IMMEP (Note 8)
Unit
Min
Max
V
o
(Note 16)
Output Voltage
Tolerance
V
OUT +1V < VIN < 7.0V
0.0
−1
1
%V
NOM
-3
3
1mA < I
L < 100mA
0.0
−1.5
1.5
%V
NOM
-3.5
3.5
∆V
O/
∆V
IN
(Note 11)
(Note 16)
Output Voltage Line
Regulation
0.1
mV/V
∆V
O/
∆I
OUT
Output Voltage Load
Regulation (Note 12)
1mA < I
L< 100mA
(Note 12)
0.1
mV/mA
∆V
O2/
∆I
OUT1
Output Voltage Cross
Regulation (Note 13)
1mA < I
L1< 100mA
(Note 13)
0.0004
mV/mA
V
IN -VOUT
Dropout Voltage
(Note 15)
I
L = 1mA
0.9
2.0
3.0
I
L = 100mA
90
130
mV
180
I
L = 150mA
135
195
270
I
GND(1,0)(Note 21)
Ground Pin Current
(One LDO On)
I
L = 1mA
300
µA
V
SD2
≤ 0.1V, V
SD1=VIN
I
L = 100mA
340
V
SD2
≤ 0.1V, V
SD1=VIN
I
GND(1,1)
Ground Pin Current
(Both LDOs On)
I
L = 1mA
340
450
µA
500
I
L = 100mA
420
540
600
I
GND(0,0)
Ground Pin Current
in Shutdown Mode
V
SD1=VSD2
≤ 0.1V
0.006
0.3
10
µA
I
O(PK)
Peak Output Current
(Note 5)
V
OUT
≥ V
OUT(NOM)-5%
500
350
150
mA
Short Circuit Foldback Protection
I
FB
Short Circuit
Foldback Knee
(Note 5), (Note 17)
600
mA
Over Temperature Protection
Tsh(t)
Shutdown Threshold
165
˚C
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com