Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2966EP Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2966EP
Description  Enhanced Plastic Dual 150mA Ultra Low-Dropout Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2966EP Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LP2966EP Datasheet HTML 7Page - National Semiconductor (TI) LP2966EP Datasheet HTML 8Page - National Semiconductor (TI) LP2966EP Datasheet HTML 9Page - National Semiconductor (TI) LP2966EP Datasheet HTML 10Page - National Semiconductor (TI) LP2966EP Datasheet HTML 11Page - National Semiconductor (TI) LP2966EP Datasheet HTML 12Page - National Semiconductor (TI) LP2966EP Datasheet HTML 13Page - National Semiconductor (TI) LP2966EP Datasheet HTML 14Page - National Semiconductor (TI) LP2966EP Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Applications Information
INPUT CAPACITOR SELECTION
LP2966EP requires a minimum input capacitance of 1µF
between the input and ground pins to prevent any imped-
ance interactions with the supply. This capacitor should be
located very close to the input pin. This capacitor can be of
any type such as ceramic, tantalum, or aluminium. Any good
quality capacitor which has good tolerance over temperature
and frequency is recommended.
OUTPUT CAPACITOR SELECTION
The LP2966EP requires a minimum of 1µF capacitance on
each output for proper operation. To insure stability, this
capacitor should maintain its ESR (equivalent series resis-
tance) in the stable region of the ESR curves (Figure 1 and
Figure 2 over the full operating temperature range of the
application. The output capacitor should have a good toler-
ance over temperature, voltage, and frequency. The output
capacitor can be increased without limit. Larger capacitance
provides better stability and noise performance. The output
capacitor should be connected very close to the Vout pin of
the IC.
LP2966EP works best with Tantalum capacitors. However,
the ESR and the capcitance value of these capacitors vary a
lot with temperature, voltage, and frequency. So while using
Tantalum capacitors, it should be ensured that the ESR is
within the limits for stability over the full operating tempara-
ture range.
For output voltages greater than 2.5V, good quality ceramic
capacitors (such as the X7R series from Taiyoyuden) can
also be used with LP2966EP in applications not requiring
light load operation (< 5mA for the 5V output option). Once
again, it should be ensured that the capacitance value and
the ESR are within the limits for stability over the full oper-
ating temperature range.
The ESRD Series Polymer Aluminium Electrolytic capacitors
from Cornell Dubilier are very stable over temperature and
frequency. The excellent capacitance and ESR tolerance of
these capacitors over voltage, temperature and frequency
make these capacitors very suitable for use with LDO regu-
lators.
OUTPUT NOISE
Noise is specified in two ways-
Spot Noise or Output noise density is the RMS sum of all
noise sources, measured at the regulator output, at a spe-
cific frequency (measured with a 1Hz bandwidth). This type
of noise is usually plotted on a curve as a function of fre-
quency.
Total output Noise or Broad-band noise is the RMS sum
of spot noise over a specified bandwidth, usually several
decades of frequencies.
Attention should be paid to the units of measurement. Spot
noise is measured in units µV/
√Hz or nV/√Hz and total output
noise is measured in µV(rms).
The primary source of noise in low-dropout regulators is the
internal reference. In CMOS regulators, noise has a low
frequency component and a high frequency component,
which storngly depend on the silicon area and quiescent
current. Noise can be reduced in two ways: by increasing the
transistor area or by increasing the current drawn by the
internal reference. Increasing the area will increase the die
size and decreases the chance of fitting the die into a small
package. Increasing the current drawn by the internal refer-
ence increases the total supply current (ground pin current)
of the IC. Using an optimized trade-off of ground pin current
and die size, LP2966EP achieves low noise performance
with low quiescent current in an MSOP-8 package.
SHORT-CIRCUIT FOLDBACK PROTECTION
In the presence of a short or excessive load current condi-
tion, the LP2966EP uses an internal short circuit foldback
mechanism that regulates the maximum deliverable output
current. A strong negative temperature coefficient is de-
signed into the circuit to enable extremely higher peak output
current capability (in excess of 400mA per output at room
temperature, see typical curves). Thus, a system designer
using the LP2966EP can achieve higher peak output current
capability in applications where the LP2966EP internal junc-
tion temperature is kept below 125˚C. Refer to the applica-
tions section on calculating the maximum output current
capability of the LP2966EP for your application.
ERROR FLAG OPERATION
The LP2966EP produces a logic low signal at the Error Flag
pin (ERROR) when the corresponding output drops out of
regulation due to low input voltage, current limiting, or ther-
mal limiting. This flag has a built in Hysteresis. The timing
diagram in Figure 3 shows the relationship between the
20099311
FIGURE 1. ESR Curve for V
OUT = 5V and COUT = 2.2µF
20099312
FIGURE 2. ESR Curve for V
OUT = 3.3V and COUT =
2.2µF
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com