Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2966EP Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2966EP
Description  Enhanced Plastic Dual 150mA Ultra Low-Dropout Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2966EP Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LP2966EP Datasheet HTML 6Page - National Semiconductor (TI) LP2966EP Datasheet HTML 7Page - National Semiconductor (TI) LP2966EP Datasheet HTML 8Page - National Semiconductor (TI) LP2966EP Datasheet HTML 9Page - National Semiconductor (TI) LP2966EP Datasheet HTML 10Page - National Semiconductor (TI) LP2966EP Datasheet HTML 11Page - National Semiconductor (TI) LP2966EP Datasheet HTML 12Page - National Semiconductor (TI) LP2966EP Datasheet HTML 13Page - National Semiconductor (TI) LP2966EP Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Typical Performance Characteristics Unless otherwise specified, V
IN =VO(NOM) + 1V, VOUT= 3.3V,
COUT =1µF, IOUT = 1mA, CIN =1µF, VSD1 =VSD2 =VIN, and TA = 25˚C. (Continued)
Load Transient Response (C
OUT = 2.2µF)
Load Transient Response (C
OUT = 10µF)
20099326
20099327
Load Transient Response (C
OUT = 10µF)
Load Transient Response (C
OUT = 2.2µF)
20099328
20099329
Cross-Channel Isolation vs Frequency
(I
OUT1 =1mA, IOUT2 = 1mA)
Cross-Channel Isolation vs Frequency
(I
OUT1 =IOUT2 = 100mA)
20099315
20099316
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com