Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89V51RB2BBC Datasheet(PDF) 33 Page - NXP Semiconductors

Part # P89V51RB2BBC
Description  8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89V51RB2BBC Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button P89V51RB2BBC Datasheet HTML 29Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 30Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 31Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 32Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 33Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 34Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 35Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 36Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 80 page
background image
P89V51RB2_RC2_RD2_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 12 November 2009
33 of 80
NXP Semiconductors
P89V51RB2/RC2/RD2
8-bit microcontrollers with 80C51 core
This bit can be used to generate an interrupt (by enabling the Timer 2 interrupt bit in the
IEN0 register). If EXEN2 = 1, Timer 2 operates as described above, but with the added
feature that a 1-to-0 transition at external input T2EX causes the current value in the
Timer 2 registers, TL2 and TH2, to be captured into registers RCAP2L and RCAP2H,
respectively.
In addition, the transition at T2EX causes bit EXF2 in T2CON to be set, and EXF2 like
TF2 can generate an interrupt (which vectors to the same location as Timer 2 overflow
interrupt). The Timer 2 interrupt service routine can interrogate TF2 and EXF2 to
determine which event caused the interrupt.
There is no reload value for TL2 and TH2 in this mode. Even when a capture event occurs
from T2EX, the counter keeps on counting T2 pin transitions or fosc / 6 pulses. Since once
loaded contents of RCAP2L and RCAP2H registers are not protected, once Timer2
interrupt is signalled it has to be serviced before new capture event on T2EX pin occurs.
Otherwise, the next falling edge on T2EX pin will initiate reload of the current value from
TL2 and TH2 to RCAP2L and RCAP2H and consequently corrupt their content related to
previously reported interrupt.
6.5.2 Auto-reload mode (up or down counter)
In the 16-bit auto-reload mode, Timer 2 can be configured as either a timer or counter (via
C/T2 in T2CON), then programmed to count up or down. The counting direction is
determined by bit DCEN (Down Counter Enable) which is located in the T2MOD register
(see Table 22 and Table 23). When reset is applied, DCEN = 0 and Timer 2 will default to
counting up. If the DCEN bit is set, Timer 2 can count up or down depending on the value
of the T2EX pin.
Figure 13 shows Timer 2 counting up automatically (DCEN = 0).
Fig 12. Timer 2 in Capture mode
002aaa523
OSC
÷6
T2 pin
C/T2 = 0
C/T2 = 1
TL2
(8-bits)
TH2
(8-bits)
TF2
control
capture
TR2
timer 2
interrupt
EXF2
RCAP2L RCAP2H
control
EXEN2
transition
detector
T2EX pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com