Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89V51RB2BBC Datasheet(PDF) 39 Page - NXP Semiconductors

Part # P89V51RB2BBC
Description  8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89V51RB2BBC Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button P89V51RB2BBC Datasheet HTML 35Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 36Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 37Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 38Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 39Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 40Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 41Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 42Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
P89V51RB2_RC2_RD2_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 12 November 2009
39 of 80
NXP Semiconductors
P89V51RB2/RC2/RD2
8-bit microcontrollers with 80C51 core
6.6.5 Framing error
Framing error (FE) is reported in the SCON.7 bit if SMOD0 (PCON.6) = 1. If SMOD0 = 0,
SCON.7 is the SM0 bit for the UART, it is recommended that SM0 is set up before SMOD0
is set to ‘1’.
6.6.6 More about UART mode 1
Reception is initiated by a detected 1-to-0 transition at RXD. For this purpose RXD is
sampled at a rate of 16 times whatever baud rate has been established. When a transition
is detected, the divide-by-16 counter is immediately reset to align its rollovers with the
boundaries of the incoming bit times.
The 16 states of the counter divide each bit time into 16ths. At the 7th, 8th, and 9th
counter states of each bit time, the bit detector samples the value of RXD. The value
accepted is the value that was seen in at least 2 of the 3 samples. This is done for noise
rejection. If the value accepted during the first bit time is not 0, the receive circuits are
reset and the unit goes back to looking for another 1-to-0 transition. This is to provide
rejection of false start bits. If the start bit proves valid, it is shifted into the input shift
register, and reception of the rest of the frame will proceed.
The signal to load SBUF and RB8, and to set RI, will be generated if, and only if, the
following conditions are met at the time the final shift pulse is generated: (a) RI = 0, and
(b) either SM2 = 0, or the received stop bit = 1.
If either of these two conditions is not met, the received frame is irretrievably lost. If both
conditions are met, the stop bit goes into RB8, the 8 data bits go into SBUF, and RI is
activated.
6.6.7 More about UART modes 2 and 3
Reception is performed in the same manner as in mode 1.
2
RB8
In modes 2 and 3, is the 9th data bit that was received. In mode 1, if
SM2 = 0, RB8 is the stop bit that was received. In mode 0, RB8 is
undefined.
1
TI
Transmit interrupt flag. Set by hardware at the end of the 8th bit time in
mode 0, or at the stop bit in the other modes, in any serial
transmission. Must be cleared by software.
0
RI
Receive interrupt flag. Set by hardware at the end of the 8th bit time in
mode 0, or approximately halfway through the stop bit time in all other
modes. (See SM2 for exceptions). Must be cleared by software.
Table 27.
SCON - Serial port control register (address 98H) SM0/SM1 mode definition
SM0, SM1
UART mode
Baud rate
0 0
0: shift register
CPU clock / 6
0 1
1: 8-bit UART
variable
1 0
2: 9-bit UART
CPU clock / 32 or CPU clock / 16
1 1
3: 9-bit UART
variable
Table 26.
SCON - Serial port control register (address 98H) bit description …continued
Bit
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com