Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89V51RB2BBC Datasheet(PDF) 73 Page - NXP Semiconductors

Part # P89V51RB2BBC
Description  8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89V51RB2BBC Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button P89V51RB2BBC Datasheet HTML 69Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 70Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 71Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 72Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 73Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 74Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 75Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 76Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 80 page
background image
P89V51RB2_RC2_RD2_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 12 November 2009
73 of 80
NXP Semiconductors
P89V51RB2/RC2/RD2
8-bit microcontrollers with 80C51 core
All other pins disconnected
Fig 43. IDD test condition, Power-down mode
002aaa558
VDD
VDD = 2 V
VDD
P0
EA
RST
XTAL2
(n.c.)
XTAL1
VSS
IDD
VDD
8
DUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com