Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC056 Datasheet(PDF) 97 Page - Maxim Integrated Products

Part # VSC056
Description  Enhanced Two-Wire Serial Backplane Controller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC056 Datasheet(HTML) 97 Page - Maxim Integrated Products

Back Button VSC056 Datasheet HTML 93Page - Maxim Integrated Products VSC056 Datasheet HTML 94Page - Maxim Integrated Products VSC056 Datasheet HTML 95Page - Maxim Integrated Products VSC056 Datasheet HTML 96Page - Maxim Integrated Products VSC056 Datasheet HTML 97Page - Maxim Integrated Products VSC056 Datasheet HTML 98Page - Maxim Integrated Products VSC056 Datasheet HTML 99Page - Maxim Integrated Products VSC056 Datasheet HTML 100Page - Maxim Integrated Products VSC056 Datasheet HTML 101Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 134 page
background image
97 of 134
VSC056
Data Sheet
Revision 4.1
January 2008
3.2.87 D0h-D7h: Bit Control Port 5 (BCP50-BCP57)
These eight registers function the same as the eight Bit Control Port 0 registers except that they relate to
the Port 5 I/O pins. In addition, the control of the individual I/O pins assigned to these registers can be
overridden by the PBC8, PBC9, PBC10, and PBC11 registers when port bypass control is required. For
information about the functionality of the Bit Control Port 0 registers, see “80h-87h: Bit Control Port 0
(BCP00-BCP07),” page 78.
The following table shows the bit assignments for the Bit Control Port 5 registers.
Register Name:
BCP50-BCP57
Address:
D0h-D7h
Reset Value:
0000_001Xb
Bit
Bit Label
Access
Description
7
PTE
R/W
Pulse Train Enable
This bit, along with the FS bits, enables one of eight pulse train circuits
controlled by the pulse train registers, PTC00 through PTC71 (70h through
7Fh), as the output drive function for this I/O pin.
When the PTE bit set, the FS bits select one of eight pulse train circuits instead
of the normal fixed-rate LED flashing circuits or the normal output drive mode.
For the various LED drive control modes, see Table 5, page 80.
After a reset or power on, this bit is cleared.
6:5
BYP1-0
R/W
Bypass Select
These two bits determine the bypass function of the odd-numbered I/O pins
P0.7, P0.5, P0.3, and P0.1.
Setting either or both of these bits causes the I/O pin to be configured as an
output that reflects the input state of the corresponding even-numbered I/O
pins P0.6, P0.4, P0.2, and P0.0.
As an example, P0.1 can be configured as an output that follows the signal
applied to the P0.0 input. These two register bits only appear in the
odd-numbered bit control registers BCP07, BCP05, BCP03, and BCP01. For
the available output drive combinations, see Table 4, page 80.
Note: These bits are only used when the bypass function is desired. They
should not be set when normal GPIO operation, PBC operation, or fan speed
monitoring are selected through the appropriate registers or through the use of
the FS, DD, and GPD bits. The PWM function (Port 0 only) and bypass function
are the highest priority controls for the appropriate I/O pin. The next highest
priorities are the PBC function (Port 3 through Port 6) and fan speed monitoring
(Port 1 and Port 2). The lowest priorities are the bit control features found in the
GPD, DD, and BCP registers.
Only one mode of operation should be enabled for each I/O pin at any time. If a
mode change is desired, first disable the existing mode, then enable the new
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com